データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SCI1008S-R22F

  • AI
    The **SCI1008S-R22F** is a specific electronic component belonging to the surface-mount chip inductor family. Below is a detailed breakdown of its specifications, construction, and typical applications. --- ## 1. Component Identification The part number can be decoded to understand its primary characteristics: | Part Segment | Meaning | Detail | | :--- | :--- | :--- | | **SCI** | Series Name | Standard Wire-wound Chip Inductor | | **1008** | Case Size | 1.0 x 0.8 inches (approx. 2.5 x 2.0 mm) | | **S** | Material/Type | Standard / Shielded or Ceramic core (variant dependent) | | **R22** | Inductance Value | **220 nH** (R denotes decimal point in microhenries) | | **F** | Tolerance | **± 1%** (High precision) | --- ## 2. Technical Specifications These parameters define how the component performs within an electrical circuit: ### Electrical Characteristics * **Inductance:** 220 nH (nanhenries). * **Tolerance:** ± 1% (Precision grade, ideal for tuning circuits). * **Quality Factor (Q):** Typically high (Min 25-45 depending on frequency), ensuring low energy loss. * **Self-Resonant Frequency (SRF):** Usually above 450 MHz. * **Rated Current (Idc):** Generally ranges between 300mA to 600mA. * **DC Resistance (DCR):** Low resistance (approx. 0.5 - 1.2 Ohms) to minimize heat and power loss. ### Physical Construction * **Core Material:** Usually Ceramic or Ferrite. Ceramic cores provide excellent SRF and Q factors for high-frequency RF applications. * **Winding:** Wire-wound construction. This provides higher current handling and lower DCR compared to multilayer chip inductors. * **Termination:** Gold or Tin-plated electrodes for reliable soldering. --- ## 3. Applications Due to its high precision (1% tolerance) and wire-wound nature, the SCI1008S-R22F is commonly used in: 1. **RF Circuits:** Matching networks for antennas in cellular and Wi-Fi modules. 2. **Filter Networks:** Low-pass, high-pass, and band-pass filters where exact inductance values are critical. 3. **Oscillators:** Frequency generation circuits requiring high stability. 4. **Telecommunications:** Signal conditioning in base stations and handheld devices. --- ## 4. Comparison with Alternatives | Feature | Wire-Wound (SCI1008) | Multilayer Inductors | | :--- | :--- | :--- | | **Q Factor** | High | Moderate | | **Current Capacity** | Higher | Lower | | **Precision** | Very High (up to 1%) | Standard (5-10%) | | **Cost** | Slightly Higher | Lower |
    ✨ Follow-up Questions
    • ⤷ What are the soldering profile requirements for the SCI1008 series?
    • ⤷ How does the 'F' tolerance compare to 'J' or 'K' tolerances in inductors?
    • ⤷ Can this inductor be used in high-power DC-DC converters?