データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SCI1008S-R33F

  • AI
    The **SCI1008S-R33F** is a surface-mount (SMD) wire-wound ceramic core chip inductor. It is commonly used in high-frequency RF (Radio Frequency) applications due to its high Q-factor and stable performance. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's specifications: | Segment | Meaning | Value | | :--- | :--- | :--- | | **SCI** | Series Name | Standard Chip Inductor | | **1008** | Case Size | 1008 Imperial (approx. 2.5 x 2.0 mm) | | **S** | Material/Type | Standard Wire-wound | | **R33** | Inductance Value | 0.33 µH (or 330 nH) | | **F** | Tolerance | ±1% (High Precision) | --- ### 2. Key Technical Specifications These are the typical operating parameters for this specific electronic part: * **Inductance:** 330 nH (0.33 µH) * **Tolerance:** ±1% (The "F" suffix indicates very tight tolerance, ideal for tuning circuits) * **Core Material:** Ceramic (Provides excellent thermal stability and high SRF) * **Quality Factor (Q):** Typically high (>45 at 100MHz), ensuring low signal loss. * **Self-Resonant Frequency (SRF):** Usually around 600 MHz to 1 GHz. * **Rated Current (Idc):** Generally between 300mA to 500mA (depending on manufacturer). * **DC Resistance (DCR):** Typically low, around 0.5 to 1.0 Ohms. --- ### 3. Physical Characteristics The component uses a **Wire-wound Construction**. Unlike multilayer inductors, wire-wound versions consist of copper wire wrapped around a ceramic core. **Advantages of this construction:** * Higher current carrying capacity. * Much higher Q-factors. * Lower DC resistance compared to multilayer types. --- ### 4. Common Applications Due to the **R33 (330nH)** value and high precision, this part is found in: 1. **RF Matching Circuits:** Matching impedance between an antenna and a transceiver. 2. **Filter Networks:** Used in Low Pass or Band Pass filters for wireless communication. 3. **Oscillators:** Providing stable frequency references in VCOs. 4. **Wireless Modules:** Found in Wi-Fi, Bluetooth, and GPS hardware.
    ✨ Follow-up Questions
    • ⤷What are the main differences between a ceramic core and a ferrite core inductor?
    • ⤷ How does the 'Q-factor' affect the performance of this inductor in an RF circuit?
    • ⤷ What are the soldering precautions for 1008 size wire-wound components?