データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SCIHP0412-R22

  • AI
    The **SCIHP0412-R22** is a specific model of a **High Current Shielded Surface Mount Power Inductor**. These components are essential in modern electronics for managing power conversion and filtering. --- ## 1. Technical Specifications The part number follows a standard naming convention used by manufacturers (like Signal Transformer/Bel). Here is a breakdown of the key electrical and physical attributes: | Parameter | Value | Description | | :--- | :--- | :--- | | **Inductance** | 0.22 µH | The "R22" in the part number denotes the value. | | **Tolerance** | ±20% | Standard variance in inductance. | | **Current Rating (Irms)** | ~20A - 30A | The current that causes a 40°C temperature rise. | | **Saturation Current (Isat)** | ~40A - 60A | The current where inductance drops by a specific % (e.g., 20%). | | **DCR (DC Resistance)** | ~1.0 mΩ - 2.0 mΩ | The internal resistance of the copper winding. | | **Dimensions** | 4.0 x 4.0 x 1.2 mm | Indicated by "0412" (approx. size). | --- ## 2. Component Composition The SCIHP series is designed for high efficiency in compact spaces. Its construction involves: * **Composite Core:** Usually made of a powdered iron or metallic alloy. Unlike traditional ferrite cores, these offer "soft saturation," meaning the inductance drops gradually rather than abruptly as current increases. * **Magnetically Shielded:** The core material encapsulates the winding, which significantly reduces **Electromagnetic Interference (EMI)**. This allows components to be placed closer together on a PCB. * **Lead-Free/RoHS:** Designed with tin-plated terminals for lead-free soldering processes. --- ## 3. Typical Applications Because of its high current handling and low profile (1.2mm height), the R22 inductor is commonly found in: 1. **DC-DC Converters:** Used in "Buck" (step-down) converters to smooth out current ripples. 2. **Voltage Regulator Modules (VRM):** Found on motherboards and graphics cards (GPU) to provide stable power to high-performance processors. 3. **Portable Electronics:** Ideal for smartphones and tablets due to its small footprint. 4. **Battery Powered Systems:** High efficiency and low DCR help extend battery life by reducing heat loss. --- ## 4. Key Performance Features * **Low Profile:** The "12" in 0412 stands for a maximum height of 1.2mm, making it suitable for thin devices. * **Low Buzz Noise:** The composite construction minimizes the audible "coil whine" often heard in power circuits. * **High Frequency:** Capable of operating at switching frequencies up to 5MHz.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Irms and Isat in this inductor?
    • ⤷ How does the 'soft saturation' of a composite core benefit a power circuit?
    • ⤷ What are the common alternatives to the 0412 package size?