データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SCL-R

  • AI
    Based on the context of electronic components and sensor modules, the **SCL-R** typically refers to a specific configuration or pinout associated with **I2C communication** protocols or specific **relay/sensor modules**. In most industrial and hobbyist electronics (like Arduino or ESP32 environments), "SCL" stands for **Serial Clock**, and the "R" suffix usually denotes a specific physical orientation or a "Relay" control line. --- ### 1. Key Electronic Components of an SCL-R Module If we look at a standard SCL-R relay or sensor board, it usually consists of these primary parts: | Component | Function | | :--- | :--- | | **Logic Level Converter** | Adjusts voltage between the controller (3.3V) and the device (5V). | | **Pull-up Resistors** | Essential for I2C lines (SCL/SDA) to keep the signal high when idle. | | **Decoupling Capacitors** | Filters high-frequency noise from the power supply. | | **Optocoupler** | Provides electrical isolation between the control signal and high-power loads. | | **Transistor (BJT/MOSFET)** | Acts as a switch to trigger mechanical components. | --- ### 2. Functional Pin Definitions In many PCB designs, the "R" in SCL-R can signify a specific routing. Here is the standard breakdown of the pins: * **VCC:** Power input (typically 3.3V or 5V). * **GND:** Common ground reference. * **SDA (Serial Data):** The line used for data transfer in the I2C protocol. * **SCL (Serial Clock):** The line that carries the clock signal to synchronize data. * **R (Reset or Relay):** * In **Reset** configurations, it allows the master to reboot the slave device. * In **Relay** configurations, it is the trigger pin for the output switch. --- ### 3. Basic Connection Example Below is a simplified code snippet showing how a microcontroller interacts with an I2C component (like an SCL-R interface): ```cpp #include void setup() { Wire.begin(); // Start I2C as Master Serial.begin(9600); } void loop() { Wire.beginTransmission(0x27); // Address of the SCL-R device Wire.write(0x01); // Command to trigger the 'R' (Relay/Reset) Wire.endTransmission(); delay(1000); } ``` --- ### 4. Technical Specifications * **Communication Protocol:** I2C (Inter-Integrated Circuit). * **Signal Speed:** Standard (100 kbps) or Fast Mode (400 kbps). * **Voltage Tolerance:** Usually 3.3V to 5.5V.
    ✨ Follow-up Questions
    • ⤷ What is the difference between SCL and SDA in I2C communication?
    • ⤷ How do pull-up resistors affect the SCL signal?
    • ⤷ Can SCL-R modules be used with 3.3V microcontrollers like the ESP32?