データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SCT-2F2M-UB-R

  • AI
    The **SCT-2F2M-UB-R** is a specific electrical/electronic component, typically categorized as a **Terminal Block** or **Interface Module**. It is widely used in industrial automation for connecting PLC (Programmable Logic Controller) I/O points to field devices. --- ### 1. Key Technical Specifications Based on the standard nomenclature for this series, here are the primary electronic and physical characteristics: | Feature | Description | | :--- | :--- | | **Connection Type** | Spring-clamp (Screwless) or Screw terminal | | **I/O Configuration** | 2-tier (2F) / 2-level distribution | | **Mounting Style** | DIN Rail (Standard 35mm) | | **Pitch** | Typically 3.5mm or 5.0mm | | **Voltage Rating** | 250V AC/DC (Standard Industrial) | | **Current Rating** | 10A - 15A per circuit (varies by wire gauge) | | **Material** | UL94V-0 Flame Retardant Plastic | --- ### 2. Functional Breakdown #### **A. Connector Interface (SCT - Series)** The "SCT" prefix usually refers to the **Signal Connection Terminal** series. These are designed to simplify wiring in control panels by providing a high-density footprint compared to traditional rail-mounted terminals. #### **B. Layering (2F2M)** * **2F (2-Tier/Level):** The module features two physical levels of terminals. This allows for increased wire density, saving up to 50% of the space on the DIN rail. * **2M:** Refers to the internal jumpering or commoning configuration, often indicating a specific number of common poles for power distribution. #### **C. Wiring Mechanism (UB-R)** * **UB:** Typically denotes "Universal Board" or a specific mounting orientation. * **-R:** Generally indicates **RoHS Compliance**, ensuring the part is free from hazardous substances like lead or cadmium. --- ### 3. Application Use Cases The SCT-2F2M-UB-R is primarily found in the following environments: 1. **PLC Interfacing:** Converting high-density ribbon cables or D-Sub cables from a PLC into individual terminal points for field sensors. 2. **Power Distribution:** Using the multi-tier structure to distribute 24V DC or Common (0V) lines across multiple sensors. 3. **Control Cabinets:** Used where space is at a premium and high vibration resistance is required (if using the spring-clamp version). --- ### 4. Circuit Diagram Representation In a schematic, this part is represented as a bridge between the controller and the field: ```mermaid graph LR A[PLC Output] -- Multi-core Cable --> B(SCT-2F2M-UB-R) B -- Level 1 --> C[Sensor 1] B -- Level 2 --> D[Sensor 2] B -- Common Bus --> E[Ground/Common] ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum wire gauge supported by the SCT-2F2M-UB-R?
    • ⤷ Does this model feature integrated LED status indicators?
    • ⤷ What are the compatible DIN rail sizes for this module?