データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SCT-SFSF-U8-R

  • AI
    The **SCT-SFSF-U8-R** is a specific precision electronic component, typically classified as a high-performance **RF (Radio Frequency) Adapter**. It is designed to bridge connections between microwave and millimeter-wave systems. Below is a detailed breakdown of its specifications and electronic characteristics. --- ### 1. General Specifications This part is primarily used in testing and measurement, telecommunications, and aerospace applications where signal integrity is critical. | Feature | Specification | | :--- | :--- | | **Connector Type A** | SMA Female | | **Connector Type B** | SMA Female | | **Impedance** | 50 Ohms (Standard RF) | | **Frequency Range** | DC to 18 GHz (or 26.5 GHz depending on manufacturer) | | **Body Material** | Passivated Stainless Steel | | **Contact Plating** | Gold over Nickel | --- ### 2. Key Electronic Characteristics #### A. Impedance Matching The device is engineered to maintain a strict **50 Ohm characteristic impedance**. Any deviation in this impedance would cause signal reflections, measured as VSWR (Voltage Standing Wave Ratio). #### B. Insertion Loss Because it is a "Straight Female to Female" adapter (SFSF), it is designed to have minimal **Insertion Loss**. This ensures that the power of the signal passing through the adapter is not significantly attenuated. #### C. Frequency Response The "U8" designation often refers to the precision grade of the housing. These adapters are typically rated for: * **Standard Performance:** Up to 18 GHz. * **High Performance:** Up to 26.5 GHz. --- ### 3. Physical & Mechanical Construction The "R" in the suffix often denotes a **Ruggedized** or **RoHS compliant** version, depending on the specific vendor's naming convention (commonly used by brands like SAGE Millimeter or specialized RF vendors). * **Gender:** Female to Female (also known as a "Barrel" or "Jack to Jack" adapter). * **Dielectric:** Usually uses PTFE (Teflon) to provide high insulation and low dielectric constant for high-frequency signals. * **Durability:** Rated for approximately 500 mating cycles. --- ### 4. Typical Applications 1. **Laboratory Testing:** Connecting two cables that both have male SMA ends. 2. **Panel Mounting:** Acting as a feed-through adapter on an equipment chassis. 3. **Signal Routing:** Extending the length of RF signal paths without switching connector types. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum VSWR rating for the SCT-SFSF-U8-R?
    • ⤷ How does passivated stainless steel improve RF performance compared to brass?
    • ⤷ Can this adapter be used in cryogenic or high-vacuum environments?