データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SD12-151-R

  • AI
    ### SD12-151-R Electronic Component Overview The **SD12-151-R** is a high-power, low-profile, shielded surface-mount (SMD) inductor, primarily manufactured by **Eaton (formerly Cooper Bussmann)**. It belongs to the SD series, which is designed for applications requiring high power density and electromagnetic interference (EMI) shielding. --- ### 1. Key Technical Specifications | Parameter | Specification Value | | :--- | :--- | | **Inductance** | 150 µH | | **Tolerance** | ±20% | | **DC Resistance (DCR)** | 1.15 Ω (Typical) | | **RMS Current ($I_{rms}$)** | 0.40 Amperes | | **Saturation Current ($I_{sat}$)** | 0.46 Amperes | | **Operating Temperature** | -40°C to +125°C | | **Shielding** | Magnetically Shielded | --- ### 2. Physical Characteristics The "SD12" designation refers to the physical dimensions of the component. * **Compact Footprint:** Approximately 5.2mm x 5.2mm. * **Low Profile:** The "12" indicates a maximum height of roughly 1.2mm, making it ideal for thin electronic devices like smartphones or tablets. * **Construction:** Ferrite core construction with a metallic shielding cover to minimize flux leakage and prevent interference with nearby components. --- ### 3. Functional Applications The SD12-151-R is commonly found in power management circuits where space is limited but efficiency is required. * **DC-DC Converters:** Used in buck (step-down), boost (step-up), and buck-boost regulators. * **LED Drivers:** Providing constant current for backlight displays. * **Battery Powered Devices:** Ideal for IoT sensors, handheld medical devices, and wearable tech due to its small size. * **Noise Filtering:** Acting as a low-pass filter to smooth out ripples in voltage rails. --- ### 4. Part Number Breakdown | Segment | Meaning | | :--- | :--- | | **SD** | Series name (Shielded Drum) | | **12** | Dimensional size (1.2mm height) | | **151** | Inductance code (15 followed by 1 zero = 150µH) | | **-R** | RoHS compliant (Lead-free) | --- ### 5. Design Considerations When integrating the SD12-151-R into a circuit, engineers must consider: 1. **Saturation Current:** Exceeding 0.46A will cause the inductance to drop significantly, leading to circuit inefficiency or failure. 2. **Thermal Management:** The $I_{rms}$ rating is based on a temperature rise (usually 40°C) above ambient; ensure adequate airflow or PCB copper trace cooling. 3. **EMI:** While shielded, placement near sensitive analog signals should still be managed carefully in high-frequency switching environments.
    ✨ Follow-up Questions
    • ⤷ What are the alternative components if a higher saturation current is needed?
    • ⤷ How does the '12' height rating compare to other models in the SD series?
    • ⤷ What is the recommended land pattern (PCB footprint) for this specific inductor?