データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SDA0811CDN

  • AI
    The **SDA0811CDN** is a high-performance, ultra-low capacitance Transient Voltage Suppressor (TVS) diode array. It is specifically designed to protect high-speed data interfaces from Electrostatic Discharge (ESD), Cable Discharge Events (CDE), and Electrical Fast Transients (EFT). --- ### ## 1. Key Technical Specifications The device is optimized for signal integrity in high-frequency circuits. | Parameter | Specification (Typical) | | :--- | :--- | | **Reverse Stand-off Voltage ($V_{RWM}$)** | 5.0 V | | **Peak Pulse Current ($I_{PP}$)** | 4.0 A ($t_p = 8/20\mu s$) | | **Junction Capacitance ($C_j$)** | 0.5 pF (Ultra-low) | | **ESD Protection (Air)** | ±20 kV | | **ESD Protection (Contact)** | ±15 kV | | **Package Type** | DFN1006-2L (0402 equivalent) | --- ### ## 2. Core Features * **Ultra-Low Capacitance:** With a capacitance of roughly 0.5pF, it ensures minimal signal distortion, making it invisible to high-speed data lines. * **Low Clamping Voltage:** It reacts instantly to over-voltage spikes, clamping them to a safe level to protect sensitive ICs. * **Small Footprint:** The DFN1006 (0402) package allows for high-density PCB placement, ideal for mobile and wearable devices. * **Bi-directional Protection:** Depending on the specific configuration within the series, it provides protection for signals swinging above and below ground. --- ### ## 3. Typical Applications The SDA0811CDN is primarily used in interfaces where data rates are high and signal integrity is critical: 1. **USB Ports:** USB 2.0, USB 3.0, and USB 3.1. 2. **Video Interfaces:** HDMI 1.4/2.0, DisplayPort, and DVI. 3. **Communication Ports:** Gigabit Ethernet and Antenna protection. 4. **Consumer Electronics:** Smartphones, tablets, laptops, and set-top boxes. --- ### ## 4. Connection Diagram (Simplified) In a typical circuit, the device is placed in parallel between the data line and the ground. ```mermaid graph LR A[Data Line] --- B(SDA0811CDN) B --- C[Ground] A --- D[Sensitive IC / Processor] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 0.5pF capacitance in high-speed circuits?
    • ⤷ How does the DFN1006 package compare to SOD-923 in terms of thermal performance?
    • ⤷ Can this TVS diode be used for power line protection instead of data lines?