データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SDA1511CDN

  • AI
    ## SDA1511CDN Electronic Component Overview The **SDA1511CDN** is a high-performance **TVS (Transient Voltage Suppressor) Diode Array** designed specifically for protecting sensitive electronic circuits from Electrostatic Discharge (ESD) and surge voltages. It is commonly used in high-speed data line applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | TVS Diode Array (ESD Protection) | | **Peak Pulse Power** | 150W (8/20μs pulse) | | **Reverse Working Voltage** | 5.0V | | **Breakdown Voltage** | 6.0V (Minimum) | | **Clamping Voltage** | ~11V to 15V (depending on current) | | **Capacitance** | Very Low (< 1.5pF typical) | | **Package Type** | DFN-10 (Standard 10-pin footprint) | --- ### 2. Core Functions & Features * **Multi-Channel Protection:** It is typically configured to protect multiple data lines (often up to 4 or 8 lines) simultaneously. * **Low Capacitance:** The most critical feature of this part is its ultra-low capacitance. This ensures that the high-speed signals (like USB 3.0 or HDMI) are not distorted while the device is connected. * **High ESD Robustness:** It meets international standards such as **IEC 61000-4-2 (Level 4)**, capable of handling ±15kV (air) and ±8kV (contact) discharges. * **Small Footprint:** The DFN (Dual Flat No-lead) package saves significant PCB space, making it ideal for mobile devices. --- ### 3. Common Applications The SDA1511CDN is found in devices where data integrity and physical safety are paramount: 1. **USB 2.0 / 3.0 Interfaces:** Protecting the D+ and D- lines. 2. **HDMI/DisplayPort:** Guarding high-definition video lines against hot-plugging surges. 3. **Ethernet Ports:** 10/100/1000 Base-T protection. 4. **Mobile Handsets:** Protecting SIM card slots and audio jacks. --- ### 4. Circuit Implementation (Example) In a typical circuit, the SDA1511CDN is placed in parallel between the data line and the ground. ```c [ Data Line ] ---------+--------- [ Microcontroller / IC ] | [ SDA1511CDN ] | [ Ground ] ``` *When a high-voltage spike occurs, the diode becomes conductive and shunts the excess current to ground before it reaches the sensitive IC.* ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum data transfer speed supported by the SDA1511CDN?
    • ⤷ How does its low capacitance compare to standard Zener diodes?
    • ⤷ Are there specific layout recommendations for placing this on a PCB?