データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SDA2511CDN

  • AI
    ### Overview of the SDA2511CDN The **SDA2511CDN** is a specialized integrated circuit (IC) primarily used as a non-volatile memory (EEPROM). It was historically common in consumer electronics, particularly in television sets and satellite receivers, for storing configuration data like channel presets and volume levels. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | EEPROM (Electrically Erasable Programmable Read-Only Memory) | | **Storage Capacity** | 1024 bits (organized as 64 x 16 bits) | | **Interface** | I²C (Inter-Integrated Circuit) Bus | | **Package Type** | DIP-8 (Dual In-line Package, 8 pins) | | **Voltage Supply** | Typically 5V (Standard TTL logic levels) | | **Manufacturer** | Originally Siemens (now Infineon) | --- ### Key Electronic Functions 1. **Data Retention:** It stores data without the need for a continuous power supply. It uses floating-gate technology to hold charge, representing binary data. 2. **I²C Communication:** It communicates via a two-wire interface consisting of: * **SCL (Serial Clock):** Synchronizes the data transfer. * **SDA (Serial Data):** The bidirectional line for sending/receiving data. 3. **Addressing:** The IC has hardware address pins, allowing multiple devices to be connected to the same I²C bus by assigning each a unique ID. --- ### Pin Configuration (DIP-8) | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1 | NC / A0 | No connection or Address bit 0 | | 2 | NC / A1 | No connection or Address bit 1 | | 3 | NC / A2 | No connection or Address bit 2 | | 4 | VSS | Ground (0V) | | 5 | SDA | Serial Data Input/Output | | 6 | SCL | Serial Clock Input | | 7 | WP | Write Protect (Prevents accidental data overwriting) | | 8 | VCC | Supply Voltage (+5V) | --- ### Common Use Cases * **TV Tuning:** Storing analog and digital channel frequencies. * **User Preferences:** Saving brightness, contrast, and audio settings. * **Legacy Hardware Repair:** Frequently replaced in older CRT televisions when the TV "forgets" settings after being powered off.
    ✨ Follow-up Questions
    • ⤷ What are the modern equivalents or replacements for the SDA2511CDN?
    • ⤷ How do you program an SDA2511CDN using an Arduino?
    • ⤷ What is the maximum write cycle endurance for this specific IC?