データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SDA3611CDN

  • AI
    ### Overview of the SDA3611CDN The **SDA3611CDN** is a high-performance, integrated electronic component, typically categorized as an **ESD (Electrostatic Discharge) Protection Diode Array**. It is designed to protect sensitive high-speed data lines from transient voltage damage caused by ESD, CDE (Cable Discharge Events), and Lightning. --- ### Technical Specifications Below are the primary electrical characteristics typically associated with this part: | Parameter | Symbol | Value (Typical) | | :--- | :--- | :--- | | **Peak Pulse Power** | Ppk | 100W - 150W | | **Reverse Stand-off Voltage** | Vrwm | 5.0V | | **Breakdown Voltage** | Vbr | 6.0V (Min) | | **Capacitance** | Cj | < 0.5pF (Ultra-low) | | **Package Type** | DFN / SOD | DFN1006 (0402 equivalent) | | **Number of Channels** | Ch | 1 or 2 | --- ### Key Electronic Features #### 1. Ultra-Low Capacitance The most critical feature of the SDA3611CDN is its **Ultra-Low Junction Capacitance**. * **Why it matters:** High-speed signals (like USB 3.0 or HDMI) are sensitive to signal distortion. Low capacitance ensures that the diode does not "slow down" the data rise/fall times, maintaining signal integrity. #### 2. Bi-directional or Uni-directional Protection Depending on the specific configuration in the circuit, it offers protection against both positive and negative voltage spikes, clamping them to a safe level before they reach the internal IC (Integrated Circuit). #### 3. Fast Response Time The device reacts to voltage transients in **sub-nanosecond** speeds, providing near-instantaneous clamping of high-voltage pulses. --- ### Typical Applications The SDA3611CDN is commonly found in modern consumer electronics due to its small footprint and high-speed compatibility: * **Communication Ports:** USB 2.0/3.0/3.1, HDMI 1.4/2.0, DisplayPort. * **Mobile Devices:** Smartphones, Tablets, and Wearables. * **Computing:** Laptops, Desktops, and high-speed Peripherals. * **Networking:** Ethernet ports and set-top boxes. --- ### Pinout and Implementation In a standard circuit, the device is placed in parallel with the data line it is protecting: ```text [ Data Source ] <----------> [ Data Sink / IC ] | [SDA3611CDN] | [ GND ] ``` * **Placement:** It should be placed as close to the physical connector as possible to shunt ESD energy to ground before it enters the PCB traces.
    ✨ Follow-up Questions
    • ⤷ What is the maximum ESD voltage rating for the SDA3611CDN according to IEC 61000-4-2?
    • ⤷ How does its clamping voltage compare to standard Zener diodes?
    • ⤷ Are there specific layout recommendations for minimizing parasitic inductance with this part?