データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SDI-RX

  • AI
    An **SDI-RX (Serial Digital Interface Receiver)** is an electronic system or component designed to receive high-speed serial digital video signals over coaxial cables and convert them into parallel data formats (like BT.656 or BT.1120) that can be processed by FPGAs, DSPs, or SoCs. Below is a breakdown of the critical electronic parts and architecture of an SDI-RX system. --- ### 1. Key Functional Blocks The SDI receiver path consists of several specialized electronic stages to handle high-frequency signals (up to 12Gbps for 4K video). | Component | Function | Description | | :--- | :--- | :--- | | **BNC Connector** | Physical Interface | 75-ohm impedance-matched connector to prevent signal reflection. | | **Cable Equalizer (EQ)** | Signal Conditioning | Compensates for high-frequency attenuation caused by long coaxial cable runs. | | **Clock & Data Recovery (CDR)** | Synchronization | Extracts the clock frequency from the incoming data stream to sample the bits accurately. | | **Deserializer** | Data Conversion | Converts the high-speed serial bitstream into a wider, slower parallel bus (e.g., 10-bit or 20-bit). | | **Descrambler** | Decoding | Reverses the NRZI encoding and scrambling (PRBS) applied by the transmitter. | | **Framing/TRS Detection** | Alignment | Identifies "Timing Reference Signals" (EAV/SAV) to determine the start of video lines and frames. | --- ### 2. Hardware Components Deep-Dive #### A. The Adaptive Cable Equalizer Because SDI signals travel over long distances (up to 100m+), the signal arrives distorted. The **Equalizer IC** (e.g., Semtech GS12341) automatically adjusts its gain to flatten the frequency response, effectively "opening" the eye diagram so the receiver can read the data. #### B. The Deserializer / SDI Receiver IC In many designs, the EQ and Deserializer are integrated into a single chip. - **Input:** High-speed differential pair (CML/LVDS). - **Output:** A parallel interface (e.g., LVCMOS) or a high-speed transceiver interface (GTX/GTH) for FPGAs. - **Support Chips:** Often requires a high-precision, low-jitter crystal oscillator (typically 27MHz or 148.5/1.001MHz). #### C. Termination and Protection - **75Ω Termination:** Crucial for impedance matching to avoid "ghosting" or signal loss. - **ESD Protection:** Specialized low-capacitance diodes are used to protect the sensitive RX inputs from static discharge during cable plugging. --- ### 3. Standards and Data Rates Electronic parts must be chosen based on the SDI standard required: | Standard | Max Data Rate | Resolution Example | | :--- | :--- | :--- | | **SD-SDI** | 270 Mbps | 480i, 576i | | **HD-SDI** | 1.485 Gbps | 720p, 1080i | | **3G-SDI** | 2.97 Gbps | 1080p60 | | **6G-SDI** | 5.94 Gbps | 4K 30fps | | **12G-SDI** | 11.88 Gbps | 4K 60fps | --- ### 4. Typical SDI-RX Circuit Diagram Flow ```mermaid graph LR A[BNC Input] --> B[Isolation Cap] B --> C[Adaptive Equalizer] C --> D[CDR / Deserializer] D --> E[Parallel Video Data] E --> F[FPGA / SoC] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the most common manufacturers for SDI Equalizer and Deserializer ICs?
    • ⤷ How does an FPGA handle the SDI-RX logic versus a dedicated ASIC?
    • ⤷ What is the importance of 'Return Loss' in SDI receiver hardware design?