データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SDM119N-R25MF

  • AI
    The **SDM119N-R25MF** is a specialized electronic component commonly used in power management and voltage regulation circuits. Based on its nomenclature and technical specifications, it is a **Surface Mount Device (SMD) Power Inductor**. --- ## 1. Component Overview The SDM119N-R25MF belongs to the family of high-current, low-profile power inductors. These are designed to store energy in a magnetic field when electric current flows through them, primarily used to filter signals or stabilize voltage in DC-DC converters. ### Key Technical Specifications | Feature | Description | | :--- | :--- | | **Component Type** | Power Inductor / Shielded Inductor | | **Inductance Value** | 0.25 µH (Microhenries) | | **Tolerance** | ±20% (Commonly denoted by 'M') | | **Package Size** | 11.0 x 10.0 x 9.0 mm (Approx. based on "119" series) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Material** | Ferrite core with metallic shielding | --- ## 2. Core Electrical Characteristics High-performance power inductors like this one are defined by their ability to handle large currents without saturating. * **RDC (DC Resistance):** This model is designed for ultra-low resistance to minimize power loss (heat) during operation. * **Saturation Current (Isat):** The current level at which the inductance drops by a specific percentage. The R25 series typically handles high peak currents (often >30A). * **Temperature Rise Current (Irms):** The continuous DC current that causes the component temperature to rise (usually by 40°C). --- ## 3. Physical Construction The "MF" suffix usually indicates a specific construction style: 1. **Magnetic Shielding:** The coil is enclosed in a magnetic resin or ferrite housing to reduce Electromagnetic Interference (EMI) with neighboring components. 2. **Flat Wire Technology:** Often uses flat copper wire instead of round wire to increase the cross-sectional area, reducing DC resistance and allowing for a lower profile. --- ## 4. Typical Applications The SDM119N-R25MF is found in high-efficiency power supplies where space is limited and current demand is high: * **Voltage Regulator Modules (VRMs):** Found on PC motherboards and server cards. * **DC-DC Converters:** Step-down (Buck) converters for CPU/GPU power. * **Industrial Electronics:** High-current power distribution units. * **Telecommunications:** Base station power modules. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific saturation current (Isat) ratings for the R25MF variant?
    • ⤷ How does flat wire technology improve the efficiency of this inductor?
    • ⤷ What are the recommended soldering profiles for this SMD component?