データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SDM119N-R30MF

  • AI
    The **SDM119N-R30MF** is an electronic component primarily used in power management and voltage regulation applications. Based on its nomenclature, it belongs to the category of **High-Current Shielded Power Inductors**. Below is a detailed breakdown of its electronic characteristics and specifications. --- ## 1. Technical Specifications This component is designed for high-density power applications where efficiency and EMI (Electromagnetic Interference) protection are critical. | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | Power Inductor (SMD) | | **Inductance Value** | 0.30 µH (R30) | | **Tolerance** | ±20% (M) | | **Current Rating (Isat)** | ~30A - 50A (Depends on specific manufacturer derating) | | **DC Resistance (DCR)** | Ultra-low (typically < 1.0 mΩ) | | **Structure** | Magnetic Shielding / Metal Alloy Powder | | **Operating Temp** | -40°C to +125°C | --- ## 2. Key Electronic Features ### A. Magnetic Shielding The "SDM" series typically utilizes a molded metal powder construction. This provides a closed magnetic circuit, which: * Reduces **EMI leakage**, protecting sensitive components nearby. * Minimizes acoustic noise (buzzing) during high-frequency switching. ### B. High Saturation Current (Isat) The core material is designed to handle high peak currents without the inductance dropping off sharply. This is vital for "Buck" converters to prevent the circuit from shorting or overheating during load spikes. ### C. Low DCR (Direct Current Resistance) By using heavy-gauge flat wire or optimized windings, the component maintains very low resistance. This results in: * Higher energy efficiency. * Lower heat generation during continuous operation. --- ## 3. Physical Attributes (Package) The "119" in the part number often refers to the physical footprint. * **Dimensions:** Typically around **11mm x 10mm** (or 11.5mm x 10.5mm), with a height of roughly **9mm**. * **Mounting:** SMD (Surface Mount Device) pads for automated PCB assembly. --- ## 4. Common Applications Due to its low inductance (0.30µH) and high current capacity, it is used in high-speed switching environments: 1. **Voltage Regulator Modules (VRM):** For CPU/GPU power supply in servers and high-end PCs. 2. **DC-DC Converters:** Point-of-Load (POL) converters in telecommunications. 3. **Battery Management Systems:** Handling high charging/discharging currents. 4. **Automotive Electronics:** Infotainment and ADAS power rails. ---
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'R30' code in the part number?
    • ⤷ How does a shielded inductor differ from a non-shielded inductor in terms of PCB layout?
    • ⤷ What are the thermal considerations when using this inductor at its maximum rated current?