データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SDP1000-R

  • AI
    ### Overview of the SDP1000-R Differential Pressure Sensor The **SDP1000-R** is a high-performance differential pressure sensor manufactured by **Sensirion**. It is specifically designed for demanding applications such as medical ventilators, HVAC systems, and process control. Unlike traditional membrane-based sensors, it utilizes a micro-thermal flow-through technology. --- ### 1. Core Electronic Components & Technology | Component | Description | | :--- | :--- | | **CMOSens® Chip** | The heart of the sensor, combining a thermal sensor element with analog and digital signal conditioning on a single silicon chip. | | **Thermal Mass Flow Element** | A tiny heating element and two temperature sensors. It measures the minute flow of air through a bypass channel to determine pressure. | | **Amplifier & ADC** | Integrated low-noise amplifier and Analog-to-Digital Converter to process the thermal signal. | | **EEPROM** | Stores calibration data and temperature compensation coefficients unique to each unit. | --- ### 2. Technical Specifications Below are the primary electronic and performance characteristics: | Parameter | Specification | | :--- | :--- | | **Operating Voltage** | 4.75 – 5.25 VDC | | **Output Signal** | Analog (0.5 to 4.5 V) | | **Pressure Range** | -5 to 500 Pa (0 to 2 inches H2O) | | **Current Consumption** | < 6 mA (typical) | | **Response Time** | ~40 ms | | **Output Load** | > 10 kOhm | --- ### 3. Pin Configuration The SDP1000-R typically features a 4-pin electrical interface: 1. **Pin 1 (VDD):** Supply voltage (5V). 2. **Pin 2 (GND):** Ground. 3. **Pin 3 (Out):** Analog output voltage proportional to the differential pressure. 4. **Pin 4 (N/C):** Not connected / Internal use. --- ### 4. Key Electronic Features * **Linearity and Compensation:** The internal circuitry provides an offset-free signal with onboard temperature compensation, eliminating the need for external zero-point calibration. * **High Dynamic Range:** The CMOSens® technology allows for high sensitivity even at very low pressure levels (near zero). * **EMI/EMC Resistance:** The integrated design provides high immunity to electromagnetic interference, making it suitable for industrial and medical environments. --- ### 5. Circuit Integration Example When integrating the SDP1000-R into a microcontroller system (like an Arduino or ESP32), a simple RC filter is often recommended on the output line to reduce noise. ```cpp // Example: Reading SDP1000-R Analog Output int sensorPin = A0; float sensorValue = 0; void setup() { Serial.begin(9600); } void loop() { // Read the 0.5V - 4.5V signal sensorValue = analogRead(sensorPin); // Convert ADC value to Voltage float voltage = sensorValue * (5.0 / 1023.0); // User would then apply the transfer function from the datasheet Serial.println(voltage); delay(100); } ```
    ✨ Follow-up Questions
    • ⤷ What is the exact transfer function to convert the output voltage to Pascal?
    • ⤷ How does the SDP1000-R differ from the SDP600 series?
    • ⤷ What are the recommended mounting orientations for this sensor?