データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SDR10

  • AI
    The **SDR10** generally refers to a specific series of **Surface Mount Device (SMD) Power Inductors**. These are critical components in power management circuits, known for their compact size and high current-handling capabilities. --- ### 1. Key Technical Specifications The "SDR10" designation usually implies a physical size (approximately 10mm in diameter or width). Below are the typical electronic characteristics: | Feature | Description | | :--- | :--- | | **Inductance Range** | Typically 1.0 µH to 1000 µH | | **Current Rating** | High saturation current ($I_{sat}$) ranging from 0.5A to 10A+ | | **Construction** | Non-shielded ferrite core with copper wire winding | | **Footprint** | SMD (Surface Mount Device) for automated PCB assembly | | **Operating Temp** | Usually -40°C to +125°C | --- ### 2. Core Electronic Components The SDR10 inductor consists of three primary physical and electronic elements: 1. **Ferrite Drum Core:** The "SDR" stands for "Standard Drum" or "Small Drum." The core is made of a ferromagnetic ceramic (Ferrite) which provides high magnetic permeability while keeping eddy current losses low at high frequencies. 2. **Enamelled Copper Wire:** Wound around the center of the ferrite drum. The thickness of this wire determines the **DC Resistance (DCR)** and the maximum current the part can handle without overheating. 3. **Solder Terminals:** Located at the base of the drum. These are usually tin-plated or silver-plated to ensure a strong mechanical and electrical bond to the PCB. --- ### 3. Application in Circuits SDR10 inductors are primarily used for **energy storage** and **filtering**. * **DC-DC Converters:** They store energy in a magnetic field during the "on" cycle and release it during the "off" cycle to provide a steady output voltage (Buck or Boost converters). * **Noise Filtering:** Used in power lines to block high-frequency AC noise while allowing DC current to pass through. * **Decoupling:** Prevents electrical noise from one part of a circuit from affecting another. --- ### 4. Comparison: Shielded vs. Non-Shielded The SDR10 is typically **unshielded**. * **Pros:** Lower cost, smaller footprint for the same inductance value, and higher saturation currents. * **Cons:** Higher **EMI (Electromagnetic Interference)**. Because the magnetic field is not contained, it can interfere with sensitive nearby components like antennas or high-gain amplifiers. --- ### 5. Identification Code Example When reading the part number (e.g., **SDR1006-101K**): * **SDR:** Series name (Inductor type). * **1006:** Dimensions (approx. 10mm x 6mm). * **101:** Inductance value ($10 \times 10^1 = 100$ µH). * **K:** Tolerance (e.g., ±10%).
    ✨ Follow-up Questions
    • ⤷ What is the difference between SDR10 and shielded SRR10 series inductors?
    • ⤷ How do I calculate the saturation current requirements for an SDR10 in a Buck converter?
    • ⤷ Which manufacturers produce the SDR10 series components?