データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SDR10ASMS

  • AI
    The **SDR10ASMS** (often associated with the **SDR10 series**) typically refers to a **Surface Mount Device (SMD) Power Inductor**. These components are critical in power management circuits, specifically for DC-DC converters and voltage regulation. --- ## 1. Technical Specifications Below are the general characteristics typically found in the SDR10 series (like the SDR1005 or SDR1006 models often used in these applications): | Parameter | Typical Value Range | | :--- | :--- | | **Inductance Range** | 1.0 µH to 1000 µH | | **Tolerance** | ±10% or ±20% | | **Current Rating (I-sat)** | 0.3A to 10A (depends on inductance) | | **Operating Temperature** | -40°C to +125°C | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Ferrite | --- ## 2. Key Internal Components The SDR10ASMS consists of three primary electronic elements: ### A. Ferrite Core The "heart" of the inductor. It is a non-conductive ceramic compound made from iron oxide mixed with nickel, zinc, or manganese. It concentrates the magnetic field to increase inductance without increasing physical size. ### B. Copper Winding A fine, insulated copper wire is wound around the ferrite core. The number of turns and the thickness of this wire determine the **DCR (Direct Current Resistance)** and the total **Inductance**. ### C. Terminations (Solder Pads) The "SMS" suffix often refers to the **Surface Mount Structure**. These are metallic pads (usually tin-plated over nickel/copper) that allow the part to be soldered directly onto a Printed Circuit Board (PCB). --- ## 3. Applications These parts are designed for high-density electronic environments where space is limited but power efficiency is required: * **DC-DC Converters:** Stepping voltage up or down in laptops and smartphones. * **Power Supplies:** Filtering noise and smoothing current in AC/DC adapters. * **LCD Displays:** Managing the backlight power circuitry. * **Telecommunications:** Signal filtering in base stations and routers. --- ## 4. Typical Footprint (Dimensions) The "10" in the series name usually signifies a base dimension of approximately **10mm**. ```text Width: ~10.0 mm Length: ~10.0 mm Height: ~5.0 mm to 8.0 mm (depending on specific sub-model) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between shielded and unshielded SDR inductors?
    • ⤷ How do I calculate the saturation current for an SMD inductor?
    • ⤷ Can the SDR10ASMS be used in high-frequency RF applications?