データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SDR10B

  • AI
    The **SDR10B** typically refers to a high-power, surface-mount (SMD) **shielded power inductor**. These components are critical in power management circuits, specifically in DC-DC converters. --- ## 1. Technical Specifications The "SDR10B" series (often produced by manufacturers like Bourns or generic equivalents) follows a specific naming convention regarding its physical size and electrical properties. | Parameter | Typical Value / Description | | :--- | :--- | | **Type** | Shielded SMD Power Inductor | | **Dimensions** | ~10.0 mm x 10.0 mm x 4.0 mm (varies by sub-type) | | **Inductance Range** | 1.0 µH to 1000 µH | | **Operating Current** | Up to 10A (depending on inductance value) | | **Core Material** | Ferrite | | **Shielding** | Magnetically shielded to minimize EMI | --- ## 2. Key Electronic Components & Construction The SDR10B is not an integrated circuit, but a discrete passive component consisting of several parts: ### A. Ferrite Core The heart of the inductor is a drum-shaped ferrite core. Ferrite is chosen for its high magnetic permeability and low electrical conductivity, which reduces "eddy current" losses at high frequencies. ### B. Copper Winding Insulated copper wire is wound around the core. * **Thicker wire:** Lower DC Resistance (DCR), allows higher current. * **More turns:** Higher Inductance (L), but increases resistance. ### C. Magnetic Shield The "B" in many SDR series often denotes a specific housing or shielding style. A magnetic epoxy or a ferrite sleeve surrounds the winding. This prevents the magnetic field from interfering with nearby components (EMI) and improves efficiency. ### D. Solder Terminals Large metallic pads on the bottom allow the part to be soldered directly to a PCB (Printed Circuit Board). --- ## 3. Common Applications Because of its high current handling and shielding, the SDR10B is used in: * **Buck/Boost Converters:** Stepping voltage up or down in laptops and tablets. * **Power Supplies:** Filtering noise in LED drivers and industrial equipment. * **Communication Devices:** Base stations and routers where EMI (Electro-Magnetic Interference) must be kept low. --- ## 4. Part Number Breakdown Example If you see a full part number like `SDR10B-101K`: * **SDR:** Series Name (Standard/Shielded). * **10:** Approximate size (10mm). * **B:** Specific structural revision or height. * **101:** Inductance code ($10 \times 10^1 = 100$ µH). * **K:** Tolerance (typically ±10%).
    ✨ Follow-up Questions
    • ⤷ How do I calculate the saturation current for an SDR10B inductor?
    • ⤷ What is the difference between shielded and non-shielded inductors in PCB design?
    • ⤷ Can the SDR10B be used in high-frequency switching above 1MHz?