データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SDR10DSMST

  • AI
    The **SDR10DSMST** is a specific part number belonging to a series of **Surface Mount (SMT) Power Inductors**, typically manufactured by companies like Bourns or similar electronic component providers. These components are essential for power management in modern electronic devices. --- ### 1. Technical Specifications Below is a breakdown of the typical characteristics for this class of electronic component: | Feature | Description | | :--- | :--- | | **Component Type** | SMT (Surface Mount Technology) Power Inductor | | **Construction** | Semi-shielded or Non-shielded (Depending on specific series) | | **Core Material** | Ferrite | | **Termination** | Sn/Ag/Cu (Lead-free) | | **Mounting Type** | SMD (Surface Mount Device) | ### 2. Physical Characteristics The "10" in the part number often refers to the physical footprint size (approximately 10mm). * **Form Factor:** Low profile, designed for automated "pick and place" assembly. * **Durability:** High heat resistance to withstand reflow soldering processes. ### 3. Electronic Functions The SDR10DSMST serves several critical roles in a circuit: * **Energy Storage:** It stores energy in a magnetic field when current flows through it. This is vital for DC-DC converters (Buck, Boost, or Buck-Boost). * **Filtering:** It acts as a low-pass filter, allowing DC to pass while blocking high-frequency noise/AC components. * **Smoothing:** In power supplies, it helps smooth out the output current to provide a stable voltage to sensitive components like CPUs or RF modules. ### 4. Typical Applications These inductors are commonly found in: 1. **Consumer Electronics:** Laptops, tablets, and LED televisions. 2. **Communication Equipment:** Base stations and routers. 3. **Power Supplies:** Switching Mode Power Supplies (SMPS) and DC-DC converters. 4. **Industrial:** Instrumentation and control panels. --- ### 5. Identification Code Breakdown While codes vary slightly by manufacturer, the string usually indicates: * **SDR:** Series name (Standard Power Inductor). * **10:** Size code (e.g., 10mm diameter/width). * **D/S:** Specific designator for tolerance or shielding type. * **MST:** Packaging or Material indicator (e.g., Matte Sn termination, Tape & Reel).
    ✨ Follow-up Questions
    • ⤷ What is the inductance value and current rating for the SDR10DSMST?
    • ⤷ How does a semi-shielded inductor differ from a fully shielded one?
    • ⤷ What are the soldering temperature requirements for this SMD component?