データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SDR10EZPD1004

  • AI
    The **SDR10EZPD1004** is a high-performance **TVS (Transient Voltage Suppressor) Diode Array** manufactured by ROHM Semiconductor. It is specifically designed for ESD (Electrostatic Discharge) protection in high-speed data lines. --- ### 1. Key Technical Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **Circuit Configuration** | Bidirectional | Protects against positive and negative surges. | | **Number of Channels** | 1 Channel | Designed for single-line protection. | | **Breakdown Voltage ($V_{BR}$)** | 11.5V (Typical) | The voltage at which the device begins to conduct. | | **Standoff Voltage ($V_{RWM}$)** | 10V (Maximum) | Maximum continuous operating voltage. | | **Capacitance ($C_t$)** | 0.4pF (Typical) | Ultra-low capacitance for high-speed signals. | | **Package Type** | DSN1006-2 (0402 inch) | Ultra-small, chip-scale leadless package. | --- ### 2. Functional Features * **High-Speed Signal Integrity:** The most critical feature is its **0.4pF ultra-low capacitance**. This allows the diode to protect data lines without distorting high-frequency signals, making it ideal for modern communication standards. * **Small Form Factor:** The **DSN1006-2** package (1.0mm x 0.6mm) is designed for high-density circuit boards, common in smartphones and wearable tech. * **Superior ESD Protection:** It meets **IEC61000-4-2** standards, providing robust protection against contact and air discharges that could otherwise destroy sensitive ICs. --- ### 3. Common Applications Because of its low capacitance and small size, the SDR10EZPD1004 is typically used in: 1. **USB 3.0 / 3.1 / Type-C Ports:** Protecting high-speed data pairs. 2. **HDMI / DisplayPort:** Preventing damage from hot-plugging cables. 3. **Antenna In/Out:** Protecting RF front-ends from static. 4. **Mobile Devices:** Used in tablets, smartphones, and laptops where board space is limited. --- ### 4. Simplified Schematic Representation ```mermaid graph LR Input[Data Line] --- A((SDR10EZPD)) A --- GND[Ground] Input --- IC[Sensitive Chipset] ``` *In the event of a high-voltage spike, the SDR10EZPD1004 clamps the voltage and shunts the current to the ground before it reaches the sensitive chipset.*
    ✨ Follow-up Questions
    • ⤷ What is the difference between unidirectional and bidirectional TVS diodes?
    • ⤷ How does 0.4pF capacitance compare to standard ESD diodes?
    • ⤷ What are the soldering requirements for the DSN1006-2 package?