データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SDR10J

  • AI
    The **SDR10J** belongs to a specific category of surface-mount electronic components, typically categorized as a **Schottky Barrier Rectifier Diode**. These parts are widely used in power management circuits due to their efficiency and speed. --- ## 1. Core Technical Specifications The "SDR10J" designation generally refers to a 10-Ampere rated Schottky diode. Below are the typical parameters for this component: | Feature | Specification | Description | | :--- | :--- | :--- | | **Component Type** | Schottky Diode | Fast switching, low forward voltage drop. | | **Max Forward Current ($I_F$)** | 10 Amperes | High current handling capability. | | **Reverse Voltage ($V_{RRM}$)** | 600V - 1000V | High voltage blocking (varies by sub-series). | | **Forward Voltage ($V_F$)** | ~1.1V to 1.7V | Energy loss during conduction. | | **Recovery Time ($t_{rr}$)** | Ultrafast | Minimized switching losses. | | **Package Type** | SMC / DO-214AB | Surface-mount plastic package. | --- ## 2. Key Features * **Low Power Loss:** Schottky technology allows for a lower voltage drop compared to standard silicon diodes, leading to higher efficiency. * **High Surge Capacity:** Capable of handling brief spikes in current without failing. * **Heat Dissipation:** The SMC package is designed with a large "footprint" to help conduct heat away from the silicon die into the PCB. * **High Speed:** Ideal for high-frequency applications where the diode must turn on and off millions of times per second. --- ## 3. Common Applications The SDR10J is predominantly found in power-sensitive electronics: 1. **Switching Power Supplies (SMPS):** Used for rectification on the output stage. 2. **DC-DC Converters:** Acts as a "freewheeling" diode to maintain current flow when switches are off. 3. **Reverse Polarity Protection:** Protects sensitive DC circuits from being damaged if the battery or power source is connected backward. 4. **Inverters:** Used in solar power or motor drive systems to manage high-speed switching. --- ## 4. Equivalent and Alternatives If the SDR10J is unavailable, engineers often look for diodes with similar footprints and ratings, such as: * **S10J** (Standard Rectifier version) * **MUR10100** (Ultrafast Rectifier) * **STPS10H100** (High Voltage Schottky) ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the SDR10J and a standard S10J diode?
    • ⤷ How does the package type (SMC) affect its thermal management?
    • ⤷ Can this diode be used in high-frequency induction heating circuits?