データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SDR10KS

  • AI
    The **SDR10KS** refers to a high-performance **Shielded Drum Core Surface Mount Power Inductor**, commonly manufactured by companies like Bourns. These components are critical in power management circuits due to their ability to handle high currents while minimizing Electromagnetic Interference (EMI). --- ### 1. Key Electronic Specifications The "SDR10KS" series is defined by several critical electrical parameters: | Parameter | Description | Typical Range | | :--- | :--- | :--- | | **Inductance** | The ability to store energy in a magnetic field. | 1.0 µH to 1000 µH | | **DCR (DC Resistance)** | The internal resistance of the copper winding. | Milliohms (mΩ) to Ohms (Ω) | | **I-sat (Saturation Current)** | The current level where inductance drops by a specific % (usually 10-35%). | 0.5A to 10A+ | | **I-rms (Heating Current)** | The continuous current that causes a specific temperature rise (usually 40°C). | Varies by package size | --- ### 2. Physical Construction The "SDR" prefix and "10KS" suffix denote specific physical attributes: * **Shielded Drum Core:** The "S" typically indicates **shielding**. The inductor has a ferrite sleeve or coating around the coil to contain the magnetic flux. This prevents the component from interfering with nearby sensitive components. * **Dimensions (10xx):** The "10" usually signifies a footprint of approximately **10mm x 10mm**. * **Mounting Type:** These are **SMD (Surface Mount Device)** parts, designed for automated pick-and-place assembly on PCBs. --- ### 3. Core Materials and Benefits The SDR10KS series utilizes specific materials to balance performance and size: 1. **Ferrite Core:** Provides high permeability, allowing for high inductance in a small volume. 2. **Enameled Copper Wire:** Wound around the drum core to create the inductive loop. 3. **Magnetic Shielding:** Reduces "cross-talk" between components, making it ideal for high-density boards like those found in smartphones or laptops. --- ### 4. Common Applications Due to their robust power handling, these parts are found in: * **DC-DC Converters:** Buck, Boost, and SEPIC topologies. * **Power Supplies:** Filtering noise in switched-mode power supplies (SMPS). * **Consumer Electronics:** Laptops, LED drivers, and gaming consoles. * **Industrial Equipment:** Control boards requiring stable voltage regulation. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between shielded and unshielded inductors in terms of EMI?
    • ⤷ How do I calculate the saturation current requirements for a buck converter?
    • ⤷ What are the common failure modes of SMD power inductors?