データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SDR10KSMSTX

  • AI
    The **SDR10KSMSTX** (often associated with the SDR-10K series) refers to a **Software Defined Radio (SDR)** transceiver module designed for high-performance wireless communication. These devices typically operate in the microwave or millimeter-wave bands and are used in satellite communications, radar, and signal intelligence. Below is a breakdown of the electronic components and architecture typically found in this class of hardware. --- ### 1. Core Component Categories The internal electronics of an SDR transceiver are divided into three main stages: the RF Front-End, the Data Converters, and the Digital Processing Unit. | Component Group | Key Parts | Function | | :--- | :--- | :--- | | **RF Front-End** | LNAs, PAs, Mixers | Amplifies weak incoming signals and prepares outgoing signals for transmission. | | **Data Converters** | ADC & DAC | Converts analog radio waves into digital data (and vice versa). | | **Processing Engine** | FPGA or SoC | Handles high-speed signal processing, filtering, and modulation. | | **Frequency Synth** | TCXO / PLL | Generates the "Local Oscillator" (LO) frequency for tuning. | --- ### 2. Detailed Electronic Subsystems #### A. The RF Chain (Transceiver) The "TX" in the suffix usually denotes the **Transmitter** path. * **Power Amplifiers (PA):** Boosts the signal to the required decibel level for transmission over long distances. * **IQ Modulators:** Combines In-phase (I) and Quadrature (Q) signals to create complex waveforms. * **Band-pass Filters (BPF):** Ensures the device only transmits within the legal or designated frequency mask to prevent interference. #### B. The Digital Backbone (FPGA) High-end SDRs like the 10K series rely on **Field Programmable Gate Arrays (FPGAs)**. * **DDC/DUC:** Digital Down-Converters and Up-Converters. * **SERDES:** High-speed serial interfaces used to move massive amounts of data to a host computer (often via PCIe or Ethernet). * **Logic Cells:** Perform real-time Fast Fourier Transforms (FFT) for spectral analysis. #### C. Synchronization and Clocking For precise communication, the device uses: * **Internal Reference:** A Temperature Compensated Crystal Oscillator (TCXO) or Oven Controlled Crystal Oscillator (OCXO). * **External Reference:** Ports for 10 MHz or 1 PPS (Pulse Per Second) inputs to sync multiple units together. --- ### 3. Interface and Connectivity The physical electronics also include specialized connectors to handle high-frequency signals: * **SMA/K-Connectors:** Used for the RF Input/Output to minimize signal loss at high GHz frequencies. * **SFP+/QSFP:** Small Form-factor Pluggable interfaces for fiber optic or high-speed copper data transfer. * **PMIC (Power Management ICs):** Complex voltage regulators that provide clean, low-noise power to sensitive analog components. --- ### 4. Technical Specifications Summary | Feature | Typical Specification | | :--- | :--- | | **Frequency Range** | Varies (often 70 MHz to 6 GHz or higher) | | **ADC Resolution** | 12-bit to 16-bit | | **Interface** | PCIe x4/x8 or 10GbE | | **Cooling** | Active (Fan) or Passive (Heat Sink) | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific frequency range capabilities of the SDR10K series?
    • ⤷ How does the FPGA in this model handle real-time signal processing compared to a CPU?
    • ⤷ What software environments (like GNU Radio or MATLAB) are compatible with this hardware?