データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SDR10MSMSTX

  • AI
    Based on the part number provided, **SDR10MSMSTX** refers to a high-performance **SFP (Small Form-factor Pluggable)** optical transceiver module. These components are critical in networking for converting electrical signals into optical signals for fiber optic communication. Below is a breakdown of the electronic and physical specifications for this type of module. --- ### ## 1. Technical Specifications The "10M" typically signifies the data rate (10 Gbps) and the "SM" signifies Single-Mode fiber compatibility. | Feature | Specification | | :--- | :--- | | **Data Rate** | 10 Gbps (10GBASE-LR/SR equivalent) | | **Fiber Type** | Single-Mode Fiber (SMF) | | **Connector Type** | LC Duplex (standard for SFP+) | | **Wavelength** | Usually 1310 nm (Long Reach) | | **Distance Support** | Up to 10km (standard for SMSTX series) | | **Voltage Supply** | 3.3V | | **Operating Temp** | 0°C to 70°C (Commercial Grade) | --- ### ## 2. Core Electronic Components An SFP module like the SDR10MSMSTX is a complex "system-on-a-module." Its internal electronics consist of three main functional blocks: #### **A. The Transmitter (TX Path)** * **Laser Driver:** An integrated circuit that converts the differential electrical input from the host (switch/router) into a current that drives the laser. * **TOSA (Transmitter Optical Sub-Assembly):** Contains the semiconductor laser (often a DFB laser for 1310nm). It converts the electrical pulses into light pulses. #### **B. The Receiver (RX Path)** * **ROSA (Receiver Optical Sub-Assembly):** Contains a photodiode that detects incoming light and converts it into a weak electrical current. * **TIA (Transimpedance Amplifier):** Amplifies the weak current from the photodiode into a usable voltage signal. * **Limiting Amplifier:** Squares up the signal to ensure it meets the standard logic levels for the host device. #### **C. Control & Monitoring** * **EEPROM/MCU:** A small memory chip that stores the module's identification (vendor name, serial number, part number). * **DDM/DOM (Digital Diagnostic Monitoring):** This electronic feature allows the host system to monitor real-time parameters such as: * Transmitted Optical Power * Received Optical Power * Laser Bias Current * Supply Voltage * Internal Temperature --- ### ## 3. Pin Configuration (Electrical Interface) The module connects to the host via a 20-pin gold-finger connector. Key pins include: 1. **VeeT/VeeR:** Ground connections for transmitter and receiver. 2. **TD+/TD-:** Differential transmit data inputs. 3. **RD+/RD-:** Differential receive data outputs. 4. **SDA/SCL:** $I^2C$ Interface for management and DDM data. 5. **TX_Fault:** An output signal indicating a laser failure. 6. **TX_Disable:** An input to turn off the laser for safety or power saving. --- ### ## 4. Application Context The **SDR10MSMSTX** is primarily used in: * **Enterprise Networking:** Connecting core switches across different buildings. * **Data Centers:** High-speed uplinks between rack-mounted switches. * **Telecommunications:** Transporting 10G Ethernet or Fibre Channel traffic over long distances.
    ✨ Follow-up Questions
    • ⤷What is the difference between Single-Mode (SM) and Multi-Mode (MM) SFP modules?
    • ⤷ How does DDM/DOM help in network troubleshooting?
    • ⤷ Is the SDR10MSMSTX compatible with 1G SFP ports?