データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SE2529L-R

  • AI
    # Overview of the SE2529L-R The **SE2529L-R** is a highly integrated Power Amplifier (PA) designed by Skyworks Solutions. It is specifically engineered for **2.4 GHz WLAN (IEEE 802.11b/g/n)** applications, commonly found in mobile devices, routers, and tablets. --- ## 1. Technical Specifications The following table highlights the primary electronic characteristics of the SE2529L-R: | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 2400 MHz to 2500 MHz | | **Supply Voltage (VCC)** | 3.0V to 4.2V | | **Output Power (Pout)** | +26 dBm (802.11b), +23 dBm (802.11g) | | **Gain** | 30 dB (Typical) | | **Quiescent Current (Iccl)** | ~140 mA | | **Package Type** | 16-pin QFN (3mm x 3mm x 0.9mm) | --- ## 2. Key Electronic Components & Features ### A. Power Amplifier (PA) Stages The device typically features a **three-stage amplifier architecture**. This design allows it to provide high gain while maintaining linearity, which is critical for complex modulations like OFDM (used in 802.11g/n). ### B. Power Detector The SE2529L-R includes an integrated **power detector**. - **Function:** It provides a closed-loop power control system by outputting a DC voltage proportional to the RF output power. - **Benefit:** This helps the system adjust the gain to maintain constant transmit power despite temperature variations or battery voltage drops. ### C. Matching Circuitry The chip incorporates internal input and output matching. - **Input:** Matched to **50 Ω**, reducing the need for external surface-mount devices (SMDs). - **Output:** Partially matched; usually requires a few external inductors/capacitors to optimize for specific frequency bands. ### D. Enable/Disable Pin (EN) This is a logic-level control pin. - When `High`, the PA is active. - When `Low`, the device enters a low-current "Sleep Mode" to conserve battery life in mobile applications. --- ## 3. Pin Configuration Summary The SE2529L-R uses a QFN package with the following functional pin groups: | Pin Type | Name | Description | | :--- | :--- | :--- | | **RF Input** | RFIN | 2.4 GHz signal entry point. | | **RF Output** | RFOUT | Amplified signal exit to the antenna. | | **Power Supply** | VCC1, VCC2, VCC3 | Voltage supply for the different internal stages. | | **Control** | EN | Digital enable pin. | | **Detection** | DET | Analog voltage output for power monitoring. | | **Ground** | GND | Thermal paddle and ground pins for heat dissipation. | --- ## 4. Application Context The SE2529L-R is primarily used in: 1. **Access Points and Routers:** To extend the range of the 2.4 GHz Wi-Fi signal. 2. **PC Cards:** Mini-PCIe or M.2 Wi-Fi modules. 3. **Consumer Electronics:** Tablets and laptops requiring stable high-speed data transmission.
    ✨ Follow-up Questions
    • ⤷ What are the recommended external components for the output matching network of the SE2529L-R?
    • ⤷ How does the power detector voltage (DET) scale with the output power (dBm)?
    • ⤷ What is the maximum operating temperature range for this specific Skyworks PA?