データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SE2564L-R

  • AI
    ## SE2564L-R: Electronic Component Overview The **SE2564L-R** is a high-performance, integrated **2.4 GHz Power Amplifier (PA)** designed specifically for IEEE 802.11b/g/n WLAN (Wi-Fi) applications. It is manufactured by Skyworks Solutions (formerly SiGe Semiconductor). --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Frequency Range** | 2.4 GHz – 2.5 GHz | | **Operating Voltage** | 3.3V (Typical) | | **Output Power (Pout)** | +20 dBm (802.11g) | | **Gain** | ~28 dB | | **Interface/Input** | Single-ended 50 $\Omega$ match | | **Package Type** | 8-pin QFN (2mm x 2mm x 0.9mm) | --- ### 2. Core Functional Blocks The SE2564L-R integrates several critical stages into a tiny form factor to minimize the external Bill of Materials (BOM): * **Multi-stage Amplifier:** Provides high linear gain to boost weak signals from the Wi-Fi chipset. * **Power Detector:** Includes an integrated temperature-compensated load-insensitive power detector for closed-loop power control. * **Harmonic Filter:** Integrated low-pass filtering to meet regulatory emission standards (FCC/ETSI). * **Enable/Disable Control:** Features a logic-level digital pin to power down the device when not transmitting, conserving battery life. --- ### 3. Application Use Cases This part is commonly found in space-constrained mobile and consumer electronics: 1. **Mobile Handsets:** Integrated into smartphones for Wi-Fi connectivity. 2. **PC Cards & Dongles:** Used in USB Wi-Fi adapters. 3. **IoT Devices:** Smart home appliances requiring 2.4 GHz communication. 4. **Access Points:** Low-power routers or range extenders. --- ### 4. Schematic Implementation Snippet When designing with the SE2564L-R, the typical pinout logic follows this structure: ```yaml Pin Configuration: 1: VCC1 (Stage 1 Power) 2: RFIN (Signal Input) 3: EN (Enable - Active High) 4: VCC2 (Stage 2 Power) 5: DET (Power Detector Output) 6: RFOUT (Signal Output) 7: VREF (Reference Voltage) 8: GND (Thermal Ground Pad) ``` --- ### 5. Key Advantages * **Small Footprint:** The 2x2mm QFN package is ideal for high-density PCB designs. * **Efficiency:** Optimized for low current consumption in battery-powered devices. * **Ease of Use:** Most matching circuitry is internal, reducing the need for complex external tuning.
    ✨ Follow-up Questions
    • ⤷ What are the typical power consumption levels for the SE2564L-R during active transmission?
    • ⤷ How does the integrated power detector help in RF circuit design?
    • ⤷ Is the SE2564L-R compatible with the 5GHz Wi-Fi band?