データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SE2568U-R

  • AI
    ## Overview of the SE2568U-R The **SE2568U-R** is a high-performance, integrated **Front-End Module (FEM)** specifically designed for IEEE 802.11b/g/n WLAN (Wi-Fi) applications. It is manufactured by Skyworks Solutions and is commonly used in mobile devices, routers, and IoT hardware to manage radio frequency (RF) signals. --- ### Technical Specifications The following table outlines the key electrical and physical characteristics of the SE2568U-R: | Feature | Specification | | :--- | :--- | | **Frequency Range** | 2.4 GHz to 2.5 GHz | | **Functionality** | Power Amplifier (PA), LNA, and Switch | | **Output Power** | +18 dBm to +20 dBm (802.11g/n) | | **Operating Voltage** | 3.0V to 3.6V | | **Gain (Transmit)** | ~28 dB | | **Noise Figure (LNA)** | ~2.0 dB | | **Package Type** | QFN (16-pin, 3mm x 3mm) | --- ### Key Internal Components The SE2568U-R is an "all-in-one" RF solution. It integrates several electronic parts into a single silicon die: 1. **Power Amplifier (PA):** * Optimized for 2.4 GHz signals. * Ensures the Wi-Fi signal is strong enough to reach the router or access point. * Features a power detector for closed-loop power control. 2. **Low Noise Amplifier (LNA):** * Used in the "Receive" (RX) path. * It amplifies weak incoming signals from the antenna while adding minimal noise. 3. **T/R Switch (Transmit/Receive):** * An internal SPDT (Single Pole Double Throw) switch. * Rapidly toggles the antenna connection between the PA (Transmit) and the LNA (Receive). 4. **Harmonic Filter:** * An integrated low-pass filter to reject out-of-band emissions, ensuring compliance with FCC/CE regulations. --- ### Pinout Configuration (Common Functions) While the device has 16 pins, the primary electronic interfaces are: * **VCC:** Main power supply for the PA. * **ANT:** Connection point for the 2.4 GHz antenna. * **TX_IN:** Input for the RF signal from the transceiver. * **RX_OUT:** Output of the amplified received signal. * **EN (Enable):** Logic pin to turn the module on or off for power saving. --- ### Application Usage The SE2568U-R is typically found in: * **Smartphones and Tablets:** Due to its small form factor and low power consumption. * **Access Points:** Providing the necessary range for 802.11n networks. * **PC Cards / USB Dongles:** Where PCB real estate is limited.
    ✨ Follow-up Questions
    • ⤷ What are the main competitors to the SE2568U-R in the RF front-end market?
    • ⤷ How does the power efficiency of this module compare to modern WiFi-6 FEMs?
    • ⤷ What is the typical circuit implementation for the power detector pin?