データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SE2620T-R

  • AI
    ## Overview of the SE2620T-R The **SE2620T-R** is a highly integrated **Frontend Module (FEM)** specifically designed for Bluetooth and 802.11b/g/n WLAN applications. It is manufactured by Skyworks Solutions and is primarily used to optimize the signal path between the chipset and the antenna. --- ### 1. Key Internal Electronic Components The device integrates several critical RF components into a single, compact package: | Component | Function | | :--- | :--- | | **Power Amplifier (PA)** | Boosts the 2.4 GHz signal for transmission to meet range requirements. | | **Low Noise Amplifier (LNA)** | Amplifies weak incoming signals while minimizing added noise to improve sensitivity. | | **T/R Switch** | An internal Transmit/Receive switch that toggles the antenna between the PA and LNA. | | **Power Detector** | Provides a closed-loop feedback mechanism to monitor and regulate output power. | | **Harmonic Filter** | Suppresses unwanted frequencies to comply with FCC/CE emissions standards. | --- ### 2. Technical Specifications The following table summarizes the primary electrical characteristics: | Parameter | Typical Value | | :--- | :--- | | **Frequency Range** | 2400 MHz to 2500 MHz (2.4 GHz ISM Band) | | **Supply Voltage (VCC)** | 2.7V to 4.8V | | **Output Power (802.11g)** | +18 dBm @ 3% EVM | | **Gain (Transmit Path)** | ~26 dB | | **Noise Figure (Receive Path)** | ~2.5 dB | | **Package Type** | QFN (20-pin, 3.0mm x 3.0mm x 0.9mm) | --- ### 3. Pin Configuration and Interface The SE2620T-R uses a simplified interface to communicate with the Baseband/MAC processor: * **RF_IN / RF_OUT:** High-frequency ports for the signal entering from the chipset and exiting to the antenna. * **VCC:** Main power supply pins. * **VEN / VDET:** Enable pins to power down the chip for energy saving and detector output for power leveling. * **Logic Control:** Digital pins used to switch between Transmit (TX), Receive (RX), and Bluetooth (BT) modes. --- ### 4. Common Applications Due to its small footprint and high efficiency, it is commonly found in: * Smartphones and Tablets. * PC Cards and USB Dongles. * Access Points and Routers. * Embedded Wi-Fi modules for IoT devices. ---
    ✨ Follow-up Questions
    • ⤷What are the power consumption levels for SE2620T-R in sleep mode?
    • ⤷ How does the SE2620T-R handle coexistence between Wi-Fi and Bluetooth?
    • ⤷ What are the recommended PCB layout guidelines for this RF module?