データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SE4150L-R

  • AI
    ## Technical Overview of the SE4150L-R The **SE4150L-R** is a highly integrated, single-chip Global Navigation Satellite System (GNSS) receiver front-end, primarily designed by Skyworks Solutions (formerly SiGe Semiconductor). It is specifically optimized for high-performance, low-power GPS and GNSS applications. --- ### Key Specifications | Feature | Specification | | :--- | :--- | | **Input Frequency** | 1575.42 MHz (L1 Band) | | **Supply Voltage (Vcc)** | 2.7V to 3.6V | | **Current Consumption** | ~15 mA (Active Mode) | | **Noise Figure** | 1.6 dB (Typical) | | **Interface Type** | Digital I/O (Multi-bit output) | | **Package Type** | 24-pin QFN (4mm x 4mm) | --- ### Internal Functional Blocks The SE4150L-R integrates several critical electronic components into a single silicon die to reduce the Bill of Materials (BOM): 1. **Low Noise Amplifier (LNA):** Boosts the weak satellite signals while maintaining a low noise floor to ensure signal integrity. 2. **Multi-Stage Filters:** Includes on-chip image rejection filters and IF (Intermediate Frequency) filters to block out-of-band interference. 3. **Voltage Controlled Oscillator (VCO):** Works in conjunction with an internal PLL (Phase-Locked Loop) to synthesize the necessary local frequencies. 4. **Analog-to-Digital Converter (ADC):** A 2-bit ADC converts the down-converted analog signal into a digital stream for the baseband processor. 5. **Power Management Unit:** Includes an internal LDO (Low Dropout Regulator) to manage power distribution across the chip. --- ### Common Applications * **Automotive Navigation:** Integrated into dashboard head units and tracking systems. * **Mobile Handsets:** Provides location services for smartphones with low power impact. * **Wearable Technology:** Used in fitness trackers and smartwatches due to its small footprint. * **Telemetry:** Utilized in asset tracking and fleet management hardware. --- ### Pin Configuration Highlights | Pin Category | Description | | :--- | :--- | | **RFIN** | High-sensitivity RF input for the GPS antenna signal. | | **CLKIN / XTAL** | Inputs for an external reference clock or crystal oscillator. | | **SIGN / MAG** | Digital output pins representing the Sign and Magnitude of the sampled signal. | | **SHDN** | Shutdown pin used to enter a low-power sleep mode (< 10µA). |
    ✨ Follow-up Questions
    • ⤷ What are the recommended external components for the RF input matching network?
    • ⤷ How does the SE4150L-R handle multi-constellation support like GLONASS or Galileo?
    • ⤷ What is the typical gain provided by the integrated LNA in this chip?