データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SES-160-R

  • AI
    The **SES-160-R** is a high-performance, compact AC/DC power supply module typically designed for industrial, telecommunications, and high-reliability applications. It is known for its high efficiency and ruggedized form factor. --- ## 1. Technical Specifications The core electronic profile of the SES-160-R involves converting high-voltage AC input into a stable, regulated DC output. | Parameter | Typical Value | | :--- | :--- | | **Output Power** | 160 Watts | | **Input Voltage Range** | 90 - 264 VAC (Universal) | | **Output Voltage** | Usually 24V or 48V (Model dependent) | | **Efficiency** | > 90% | | **Form Factor** | Open Frame or Enclosed (U-Bracket) | | **Cooling** | Convection or Forced Air | --- ## 2. Key Internal Electronic Components The device utilizes several critical electronic sub-systems to manage power conversion: ### A. Input Stage (EMI Filtering) * **Varistors (MOVs):** Protect the circuit from high-voltage surges and transients. * **X/Y Capacitors & Common Mode Chokes:** These components filter out Electromagnetic Interference (EMI) to ensure the device complies with global noise standards (like FCC or EN55032). ### B. Power Factor Correction (PFC) * **Active PFC Circuit:** Most 160W modules include an active PFC stage. This uses an inductor and a high-speed MOSFET to ensure the current drawn is in phase with the voltage, reducing harmonic distortion. ### C. Switching Topology * **PWM Controller:** The "brain" of the unit that regulates the duty cycle of the switching transistors to maintain a constant output voltage regardless of load changes. * **Power MOSFETs:** High-speed switches (typically Gallium Nitride or Silicon) that chop the incoming DC into high-frequency pulses. ### D. Output Rectification & Filtering * **Schottky Diodes or Synchronous Rectifiers:** Used to convert the high-frequency AC back into DC with minimal heat loss. * **Low ESR Electrolytic Capacitors:** These smooth the output ripples to provide "clean" power to the connected load. --- ## 3. Protection Features The electronic architecture includes integrated protection logic to prevent damage: 1. **Over-Voltage Protection (OVP):** Shuts down the unit if the output exceeds a safe threshold. 2. **Short Circuit Protection (SCP):** Uses a "hiccup mode" or constant current limiting to protect the internal traces. 3. **Over-Temperature Protection (OTP):** A thermistor monitors the internal heatsink and throttles power if the unit overheats. --- ## 4. Physical Layout The "R" suffix often denotes a specific mounting style or a ruggedized revision. The PCB (Printed Circuit Board) is usually constructed with high-grade FR4 material and thick copper traces to handle the 160W current density without excessive heating.
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting dimensions for the SES-160-R?
    • ⤷ Does this model support parallel operation for higher power requirements?
    • ⤷ What is the MTBF (Mean Time Between Failures) rating for this power supply?