データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SES-161-R

  • AI
    The **SES-161-R** is an industrial-grade, ruggedized Ethernet switch typically designed for mission-critical applications such as military, aerospace, and heavy industrial automation. Below is a breakdown of its electronic components and technical characteristics. ### 1. Core Technical Specifications The device is engineered for high-performance networking in environments where consumer-grade hardware would fail. | Feature | Specification Details | | :--- | :--- | | **Port Configuration** | Typically 16 Fast Ethernet (10/100Base-TX) ports. | | **Management** | Managed Layer 2 switch (VLANs, QoS, IGMP Snooping). | | **Connector Type** | Circular MIL-DTL-38999 or standard RJ45 (depending on specific sub-model). | | **Power Input** | Redundant DC inputs (often 18-36V DC). | | **Enclosure** | IP67 or IP68 rated aluminum alloy casing. | --- ### 2. Key Electronic Components #### A. Networking Chipset (Switch Engine) At the heart of the SES-161-R is a high-reliability **Switch-on-a-Chip (SoC)**. - **Packet Processor:** Handles wire-speed switching across all 16 ports. - **Buffer Memory:** Integrated SRAM to prevent packet loss during high-traffic bursts. - **EEPROM/Flash:** Stores firmware and configuration settings (VLAN tables, IP addresses). #### B. Power Supply Circuitry To survive unstable industrial power grids or vehicular battery systems, the internal power components include: - **DC-DC Converters:** High-efficiency modules that step down input voltage to the logic levels (3.3V, 1.8V, 1.2V) required by the chips. - **EMI Filtering:** Inductors and capacitors designed to meet **MIL-STD-461** (Electromagnetic Interference) standards. - **Surge Protection:** TVS (Transient Voltage Suppressor) diodes to protect against lightning or inductive load switching. #### C. Physical Layer (PHY) Transceivers The PHY components are responsible for converting the digital signals from the switch engine into electrical signals for the copper cables. - **Isolation Transformers:** Provide galvanic isolation (usually up to 1500V) to prevent ground loops and protect the internal logic from external surges. --- ### 3. Environmental Hardening The electronics are treated to withstand extreme conditions: * **Thermal Management:** The PCB (Printed Circuit Board) uses a "conduction-cooled" design, where heat is transferred through thermal pads directly to the metal chassis rather than using fans. * **Conformal Coating:** A thin chemical film is applied over the electronic components to protect against moisture, dust, and chemical contaminants. * **Vibration Resistance:** Components are often underfilled or secured with epoxy to ensure they do not shake loose under high G-force conditions (compliant with **MIL-STD-810**). --- ### 4. Software Features (Firmware) The electronic logic supports advanced networking protocols: ```json { "L2_Features": ["IEEE 802.1Q VLAN", "802.1p Priority Queuing", "LACP"], "Redundancy": ["STP", "RSTP", "MSTP"], "Security": ["Port Security", "802.1X Authentication"] } ```
    ✨ Follow-up Questions
    • ⤷What are the specific MIL-STD ratings for the SES-161-R?
    • ⤷ Does this model support Power over Ethernet (PoE)?
    • ⤷ What is the difference between the SES-161-R and the SES-161-U models?