データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SES-2AA-R

  • AI
    The **SES-2AA-R** is a specific electronic component primarily associated with **power distribution and circuit protection**, typically used in industrial or automotive lighting systems. Specifically, it is a **Power Distribution Module (PDM)** or a **Flasher/Relay Unit** produced by manufacturers like *Grote* or *Littelfuse*. Below is a breakdown of its technical specifications and characteristics. --- ### 1. General Specifications The SES-2AA-R is designed to manage high-current loads and provide localized circuit protection. | Feature | Description | | :--- | :--- | | **Component Type** | Electronic Power Relay / Flasher Module | | **Input Voltage** | Typically 12V DC (Standard Automotive/Industrial) | | **Current Rating** | Varies by application, usually handles 20A - 40A | | **Mounting Type** | Plug-in / Bracket Mount | | **Material** | High-impact thermoplastic housing | | **Standard Compliance** | SAE (Society of Automotive Engineers) standards | --- ### 2. Key Electronic Features * **Solid-State Logic:** Unlike traditional mechanical relays, many units in this series utilize solid-state components to reduce wear and tear from arcing, leading to a longer lifecycle. * **Thermal Protection:** Includes internal circuitry to prevent overheating if the connected load exceeds the rated capacity. * **Low Parasitic Draw:** Engineered to consume minimal power when in standby mode, preventing battery drain in vehicular applications. * **Load Sensing:** In "Flasher" variants, the electronics can detect a "bulb out" condition by measuring the change in resistance/current flow. --- ### 3. Pin Configuration and Connection The module typically utilizes a standardized pinout to ensure compatibility with heavy-duty wiring harnesses. | Pin Label | Function | Description | | :--- | :--- | :--- | | **30** | Battery (+) | Direct constant power input from the battery. | | **85** | Ground (-) | Reference ground for the internal coil or logic circuit. | | **86** | Switch Input | The trigger signal that activates the module. | | **87** | Load Output | Provides power to the device (Lights, Motor, etc.). | --- ### 4. Typical Applications The SES-2AA-R is commonly found in: 1. **Heavy-Duty Trucks:** Managing turn signals or hazard lights. 2. **Emergency Vehicles:** Controlling strobe patterns or auxiliary lighting. 3. **Industrial Machinery:** Serving as a heavy-duty relay for hydraulic pumps or cooling fans.
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring diagrams for the SES-2AA-R in a 12V system?
    • ⤷ Can this module be used with LED lights without causing hyper-flash?
    • ⤷ What are the common failure symptoms of this electronic part?