データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SES-2AB-R/E2

  • AI
    The **SES-2AB-R/E2** is a specialized electronic component typically categorized as an **Optical Surface Sensor** or a **Photoelectric Sensor**. These parts are frequently used in precision automation, specifically within the textile industry (for yarn detection) or high-speed manufacturing lines. --- ## 1. Core Technical Specifications The device operates on the principle of optical reflection or transmission to detect the presence or movement of fine materials. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Optical/Photoelectric Sensor | | **Output Logic** | PNP or NPN (Model dependent, usually R/E2 indicates specific polarity) | | **Operating Voltage** | 12V - 24V DC | | **Detection Method** | Infrared (IR) Beam / Surface Reflection | | **Connection Type** | Multi-pin connector or hard-wired lead | | **Housing Material** | Industrial-grade polymer or Aluminum | --- ## 2. Key Electronic Functions ### A. Signal Processing The "R/E2" designation often refers to the **Receiver/Emitter** configuration or the specific output signal type. * **Emitter:** Sends a focused infrared beam toward the target material. * **Receiver:** Monitors the reflection or interruption of that beam. * **Internal Circuitry:** Includes an integrated operational amplifier (Op-Amp) to convert the analog light signal into a digital "High/Low" logic signal for a PLC (Programmable Logic Controller). ### B. Sensitivity Adjustment Most SES-series sensors feature a small potentiometer (trimmer) on the body. This allows the user to calibrate the sensor to ignore background noise or to detect extremely thin materials (like 20-denier thread). ### C. Response Time These parts are designed for **high-speed switching**. They can typically detect transitions in the millisecond (ms) range, ensuring that if a thread breaks or a part is missing, the machinery stops instantly to prevent damage. --- ## 3. Pinout and Wiring (General) While you should always consult the specific datasheet for your serial number, the standard wiring for these sensors follows industrial conventions: 1. **Brown:** Positive Supply (+VDC) 2. **Blue:** Negative/Ground (0V) 3. **Black/White:** Control Output (Signal) --- ## 4. Common Applications * **Yarn Breakage Detection:** Sensing the presence of fine fibers in knitting or weaving machines. * **Edge Positioning:** Ensuring a material web is aligned correctly on a conveyor. * **Counting:** High-speed counting of small electronic or mechanical parts.
    ✨ Follow-up Questions
    • ⤷ What is the specific wiring diagram for the PNP vs NPN version of this sensor?
    • ⤷ How do I calibrate the sensitivity for transparent materials?
    • ⤷ What are the environmental IP ratings for the SES-2AB series?