データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SES-2AB-R/Q

  • AI
    The **SES-2AB-R/Q** refers to a high-performance **Crystal Oscillator (XO)** series typically manufactured by companies like *Taitien* or similar frequency control specialized vendors. These components are critical for providing stable timing signals in telecommunication and networking hardware. --- ### 1. Key Technical Specifications The part number suffix typically denotes variations in stability, temperature range, and output logic. | Parameter | Specification (General Range) | | :--- | :--- | | **Output Type** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) | | **Frequency Range** | Typically 10 MHz to 250 MHz | | **Supply Voltage** | 2.5V or 3.3V | | **Package Size** | 7.0 x 5.0 mm (SMD Package) | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Jitter Performance** | Ultra-low phase jitter (often < 1ps RMS) | --- ### 2. Breakdown of the Part Number Logic While specific manufacturer coding can vary slightly, the "SES" series generally follows this architecture: * **SES:** Series prefix for High-Frequency LVPECL Surface Mount Oscillators. * **2AB:** Defines the package size (7x5mm) and the specific voltage/frequency stability configuration. * **R/Q:** * **R:** Often denotes the specific Phase Noise performance or RoHS compliance. * **Q:** Frequently indicates "Automotive Grade" (AEC-Q200) or a specific tight stability tolerance (e.g., ±25ppm). --- ### 3. Core Electronic Features #### A. LVPECL Output The "2AB" configuration utilizes **LVPECL** logic. This is preferred in high-speed systems because: * It provides high-speed switching. * It has excellent noise immunity due to its differential nature. * It is ideal for driving long PCB traces to clock high-end FPGAs or ASICs. #### B. Precision Quartz Crystal Internally, the device contains a high-Q factor quartz crystal blank. This blank is paired with an integrated circuit (IC) that provides the oscillation and output buffering. #### C. Tri-state Function The device usually features an "Enable/Disable" pin (Pin 1). This allows the electronic system to shut down the clock signal to save power without powering down the entire rail. --- ### 4. Common Applications * **Networking:** 10G/40G/100G Ethernet switches and routers. * **Fiber Optics:** SONET/SDH and Optical Transport Networks (OTN). * **Data Centers:** Storage Area Networks (SAN) and high-speed servers. * **Computing:** Clocking for high-performance DSPs and FPGAs. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between LVPECL and LVDS in these oscillators?
    • ⤷ How do I calculate the termination resistor for a 3.3V SES-2AB-R output?
    • ⤷ Does this component require a bypass capacitor for power supply decoupling?