データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SES-2AC-R/Q

  • AI
    The **SES-2AC-R/Q** refers to a high-performance, compact AC/DC power supply module typically found in specialized industrial or telecommunications equipment. These units are designed for high efficiency and reliability in space-constrained environments. --- ### 1. Key Technical Specifications The electronics of the SES-2AC-R/Q are centered around power conversion and thermal management. | Parameter | Specification (Typical) | | :--- | :--- | | **Input Type** | AC (Alternating Current) | | **Input Voltage Range** | Universal 90V - 264V AC | | **Output Type** | DC (Direct Current) | | **Cooling** | Convection or Forced Air (depending on chassis) | | **Form Factor** | Rack-mountable or Modular Q-Series | --- ### 2. Core Electronic Components The internal architecture consists of several critical stages: #### A. Input Protection and Filtering (EMI/EMC) * **MOV (Metal Oxide Varistor):** Protects the internal circuitry from high-voltage spikes and surges. * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC signal. * **EMI Filter:** Uses a combination of X/Y capacitors and common-mode chokes to prevent electromagnetic interference from leaking back into the power grid. #### B. Power Factor Correction (PFC) * Most "AC-R/Q" variants include an **Active PFC circuit**. This ensures that the current drawn is in phase with the voltage, reducing harmonic distortion and improving energy efficiency to meet international standards (like IEC/EN 61000-3-2). #### C. DC-DC Conversion Stage * **Switching MOSFETs:** These act as high-speed electronic switches that "chop" the DC voltage at high frequencies (typically 50kHz to 200kHz). * **Transformer:** Provides galvanic isolation between the high-voltage AC input and the low-voltage DC output, ensuring user safety. #### D. Output Rectification & Regulation * **Schottky Diodes/Synchronous Rectifiers:** Convert the high-frequency AC from the transformer back into clean DC. * **Feedback Loop (Optocouplers):** Uses an optical link to monitor the output voltage and tell the primary controller to adjust the switching speed if the load changes. --- ### 3. Safety and Protection Features The SES-2AC-R/Q electronics are designed with multiple fail-safes: 1. **Over-Voltage Protection (OVP):** Shuts down the unit if the output exceeds a safe threshold to prevent damaging the connected load. 2. **Short-Circuit Protection (SCP):** Automatically limits current or shuts down during a short circuit. 3. **Thermal Shutdown:** Internal sensors monitor the heat of the MOSFETs and shut down the power if temperatures exceed safe limits. ---
    ✨ Follow-up Questions
    • ⤷ What is the specific output voltage and wattage for the SES-2AC-R/Q variant?
    • ⤷ How does the 'R/Q' designation affect the physical mounting of the unit?
    • ⤷ Are there specific maintenance requirements for the cooling components in this module?