データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SES-2BC-R

  • AI
    The **SES-2BC-R** is a specific electronic component, typically identified as a **high-frequency coaxial relay** or a specialized RF (Radio Frequency) switch. These components are primarily used in telecommunications, testing equipment, and signal routing where signal integrity and low loss are critical. --- ## 1. Core Specifications and Type The SES-2BC-R is part of a family of electromechanical relays designed to handle high-frequency signals. | Feature | Description | | :--- | :--- | | **Component Type** | Electromechanical Coaxial Relay | | **Circuit Configuration** | DPDT (Double Pole Double Throw) or Transfer Switch | | **Package Style** | Through-hole (PCB Mount) or Connectorized | | **Frequency Range** | Typically DC up to 2.5 GHz - 3 GHz | | **Operating Voltage** | Usually 12V or 24V DC (Model dependent) | --- ## 2. Key Electronic Characteristics To understand the "electronic parts" of this device, we look at its internal mechanics and electrical performance: ### Internal Mechanism * **Actuator:** A solenoid coil that, when energized, creates a magnetic field to move internal contacts. * **Contacts:** Usually gold-plated or specialized alloys to ensure low contact resistance and prevent oxidation over time. * **Impedance Matching:** The internal geometry is designed to maintain a **50-ohm** characteristic impedance, minimizing signal reflection (VSWR). ### Performance Metrics * **Insertion Loss:** The amount of signal power lost when passing through the switch (usually < 0.2 dB). * **Isolation:** The ability of the switch to prevent signal leakage into the "off" port (typically > 30-40 dB at high frequencies). * **Switching Speed:** The time it takes for the physical contacts to move (measured in milliseconds). --- ## 3. Pinout and Schematic Logic In a standard **BC** configuration (like the SES-2BC-R), the electronic layout usually follows this logic: 1. **Coil Pins:** Two pins used to apply the control voltage (DC) to trigger the switch. 2. **Common Pins (COM):** The input signal pins. 3. **Normally Closed (NC) Pins:** The path the signal takes when no power is applied. 4. **Normally Open (NO) Pins:** The path the signal takes when the coil is energized. --- ## 4. Common Applications * **RF Transceivers:** Switching a single antenna between a Transmitter (TX) and a Receiver (RX). * **Automated Test Equipment (ATE):** Routing high-speed signals from a device under test to different measurement instruments. * **Signal Bypassing:** Removing a specific circuit stage (like an amplifier or filter) from a signal path. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact coil voltage required for the SES-2BC-R variant?
    • ⤷ How does the SES-2BC-R compare to a solid-state RF switch?
    • ⤷ What are the mounting requirements for this specific relay?