データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SES-2CD-R/E2

  • AI
    The **SES-2CD-R/E2** is a specialized electronic component commonly found in industrial control systems, specifically designed as a **Control and Protection Module** for high-power electrical systems (often associated with railway or energy infrastructure). --- ### Core Specifications and Components The device acts as a bridge between high-current power lines and sensitive monitoring circuits. Below is a breakdown of its primary electronic functions: | Feature | Description | | :--- | :--- | | **Circuit Type** | Solid-state monitoring and relay logic. | | **Input Signals** | Accepts analog signals from current transformers or voltage sensors. | | **Output Type** | Dry contact relays or opto-isolated digital outputs. | | **Isolation** | High galvanic isolation (typically >2kV) to protect low-voltage control boards. | | **Housing** | DIN-rail mountable, reinforced polymer casing. | --- ### Key Internal Electronic Subsystems #### 1. Signal Conditioning Stage This section consists of **Operational Amplifiers (Op-Amps)** and precision resistors. It scales down high-voltage/current inputs to a logic-level range (typically 0-5V or 4-20mA) for processing. #### 2. Logic and Processing Depending on the version, it utilizes either: * **Discrete Logic Gates:** For high-speed, simple trip/no-trip decisions. * **Microcontroller (MCU):** For programmable threshold settings and diagnostic reporting via communication buses. #### 3. Power Supply Unit (PSU) Most SES-2CD modules feature an internal DC-DC converter. This allows the part to operate on a wide range of auxiliary voltages (e.g., 24VDC to 110VDC) while maintaining stable internal voltage rails. #### 4. Switching Elements The "R" in the suffix typically denotes **Relay Outputs**. These are mechanical or solid-state relays (SSRs) capable of triggering external breakers or alarms. --- ### Typical Pin Configuration (General) | Pin No. | Label | Function | | :--- | :--- | :--- | | 1-2 | **Vcc/GND** | Auxiliary power input. | | 3-5 | **IN / SIG** | Input signal from sensors. | | 6-8 | **COM / NO / NC** | Relay output contacts. | --- ### Applications * **Overcurrent Protection:** Monitoring motor loads to prevent burnout. * **Signal Conversion:** Translating raw electrical noise into clean binary data for PLCs. * **Railway Signaling:** Monitoring track circuit integrity.
    ✨ Follow-up Questions
    • ⤷ What are the specific voltage rating limits for the SES-2CD-R/E2?
    • ⤷ Is this component compatible with standard Modbus communication protocols?
    • ⤷ What is the typical MTBF (Mean Time Between Failures) for this module?