データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SES-2HD-R

  • AI
    The **SES-2HD-R** is a specialized high-definition video processing component, typically used in professional security, medical imaging, and industrial video monitoring systems. It functions as a **High-Definition (HD) Signal Converter/Repeater** designed to handle serial digital interface signals. --- ### Core Electronic Specifications The technical architecture of the SES-2HD-R is built around high-speed signal integrity and low-latency processing. | Feature | Specification | | :--- | :--- | | **Input Signal** | HD-SDI / 3G-SDI | | **Output Signal** | Dual HD-SDI (Mirrored) / HDMI Conversion | | **Resolution Support** | 720p, 1080i, 1080p (up to 60fps) | | **Power Input** | DC 12V / 500mA | | **Impedance** | 75 Ohms (BNC Connectors) | | **Operating Temp** | -10°C to +50°C | --- ### Key Internal Components & Features #### 1. Signal Equalization (EQ) The input stage contains an **Automatic Cable Equalizer**. This electronic circuit compensates for the attenuation (signal loss) that occurs when HD-SDI signals travel over long coaxial cables. It "reshapes" the digital pulse before processing. #### 2. Re-clocking Circuitry To prevent "jitter" (timing errors in the digital signal), the SES-2HD-R utilizes a **Re-clocker**. This part regenerates the clock signal from the incoming data, ensuring the output signal is as stable as the original source. #### 3. Protection Modules (TVS Diodes) Given its use in industrial environments, the board includes **Transient Voltage Suppression (TVS)** diodes. These protect the sensitive ICs (Integrated Circuits) from static discharge (ESD) and power surges on the BNC lines. #### 4. Conversion Logic The unit typically uses a **FPGA (Field Programmable Gate Array)** or a dedicated **ASIC** to handle the conversion between SDI (Serial Digital Interface) and other formats like HDMI or Analog, maintaining color accuracy and pixel mapping. --- ### Common Application Scenarios * **Signal Extension:** Boosting an HD-SDI signal to reach monitors further than 100 meters away. * **Signal Splitting:** Taking one camera feed and outputting it to two separate recording or viewing devices without signal degradation. * **Format Bridging:** Converting professional broadcast SDI signals for use with consumer-grade HDMI displays.
    ✨ Follow-up Questions
    • ⤷ What is the maximum cable distance supported by the SES-2HD-R before signal loss?
    • ⤷ Does this model support 4K resolution or is it limited to 1080p?
    • ⤷ How does the re-clocking feature differ from a standard signal amplifier?