データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SES-2HD-R/E2

  • AI
    ## Overview of the SES-2HD-R/E2 The **SES-2HD-R/E2** is a high-performance, industrial-grade motor protection relay (Electronic Motor Protection Relay - EMPR). It is designed to monitor electric motors and protect them from various electrical faults that could lead to motor failure or fire. --- ### 1. Key Electronic Components and Features | Component/Feature | Description | | :--- | :--- | | **Current Transformer (CT)** | Built-in sensors that measure the current flowing through each phase of the motor without direct contact. | | **MCU (Microcontroller Unit)** | The "brain" of the device that processes current signals and executes trip logic based on pre-set parameters. | | **LED Display** | Typically features status indicators for Power, Trip, and specific fault types (Overload, Phase Loss, etc.). | | **Adjustment Dials** | Potentiometers used to set the **Load (Current)**, **D-Time** (Start delay), and **O-Time** (Operating delay). | | **Output Relays** | Dry contacts (usually 1a1b) used to break the control circuit of a magnetic contactor. | --- ### 2. Functional Protection Specifications The electronic logic within the SES-2HD-R/E2 provides several layers of protection: * **Overcurrent Protection:** Trips the circuit when the motor draws more current than the "LOAD" setting for a duration longer than "O-TIME". * **Phase Loss Protection:** Detects if one of the three phases is missing, preventing motor burnout (usually trips within 3 seconds). * **Phase Unbalance:** Monitors the difference in current between phases to prevent overheating. * **Locked Rotor Protection:** Detects when a motor is stuck and unable to rotate, drawing massive current. --- ### 3. Technical Specifications Table | Parameter | Specification | | :--- | :--- | | **Current Range** | Usually available in ranges (e.g., 0.5-6A, 3-30A, 5-60A) | | **Operating Voltage** | 220VAC or 440VAC (model dependent) | | **Time Settings** | **D-Time:** 1~30s / **O-Time:** 1~10s | | **Mounting Type** | DIN Rail or Panel Mount | | **Reset Method** | Manual (Button) or Electrical (Remote) | --- ### 4. Wiring and Integration The electronic integration follows a standard industrial control pattern: 1. **L1/L2/L3:** Motor main power lines pass through the holes in the device (CT induction). 2. **A1/A2:** Auxiliary power supply for the electronic circuits of the relay. 3. **95/96/98:** Control contacts. If a fault occurs, the internal relay switches, cutting power to the coil of the magnetic contactor (MC). ```mermaid graph LR A[Power Supply] --> B[SES-2HD-R/E2] B --> C{Fault Detected?} C -- Yes --> D[Trip Internal Relay] D --> E[Stop Motor Contactor] C -- No --> F[Normal Operation] ```
    ✨ Follow-up Questions
    • ⤷ What are the specific wiring differences between the R-type and E-type variants?
    • ⤷ How do I calculate the D-Time setting for a high-inertia load?
    • ⤷ Does this model support Modbus or other digital communication protocols?