データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SF-AC-R/

  • AI
    The **SF-AC-R** is a specific electronic module typically used as an **Electronic Speed Controller (ESC)** or a specialized **Thyristor/Triac Voltage Regulator**. While exact specifications can vary by manufacturer, these units are commonly designed for AC motor speed control or AC power regulation. ### 1. Core Component Breakdown The "SF-AC-R" architecture generally consists of several key electronic sections: | Component Type | Part Category | Function | | :--- | :--- | :--- | | **Power Semiconductor** | TRIAC or SCR | The "muscle" that switches the AC sine wave to control power output. | | **Control IC** | Microcontroller or Phase-Control IC | Calculates the timing for triggering the power semiconductor. | | **Isolation** | Optocoupler | Separates the high-voltage AC side from the low-voltage control signals. | | **Protection** | Varistor (MOV) / Snubber Circuit | Protects against voltage spikes and inductive kickback from motors. | | **Input Interface** | Potentiometer or PWM | Allows the user to adjust the speed or power level. | --- ### 2. Operational Logic The electronic circuit operates using **Phase Angle Control**: 1. **Zero-Crossing Detection:** The circuit identifies the point where the AC voltage crosses 0V. 2. **Delay Calculation:** Based on the input setting (SF-AC-R dial or signal), the controller waits for a specific number of milliseconds. 3. **Triggering:** After the delay, the **TRIAC** is triggered "ON." 4. **Reset:** The TRIAC automatically turns off when the AC current reaches the next zero-crossing. ### 3. Technical Specifications (General Range) * **Input Voltage:** 110V - 240V AC * **Max Current:** Often rated between 5A to 15A (depending on the heat sink size). * **Control Type:** Resistive (Heating elements) or Inductive (AC Motors). * **Cooling:** Passive aluminum heat sink (integrated). --- ### 4. Typical Connection Wiring ```text [ AC Power In L ] ----> [ SF-AC-R Input Terminal ] [ AC Power In N ] ----> [ Neutral Bridge ] [ Output L ] ----> [ Load / Motor ] [ Output N ] ----> [ Load / Motor ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the SF-AC-R module?
    • ⤷ Can the SF-AC-R be used with brushless DC motors?
    • ⤷ What are the safety precautions when wiring an AC voltage regulator?