データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SF1-R10

  • AI
    The **SF1-R10** typically refers to a high-precision, industrial-grade **laser distance sensor** (LiDAR) or a specific electronic module used in automation and drone altimetry. Below is a breakdown of its primary electronic components and technical specifications. --- ### 1. Core Electronic Components The device operates on the principle of **Time-of-Flight (ToF)**. To achieve this, it utilizes the following internal hardware: | Component | Function | | :--- | :--- | | **Laser Diode** | Emits invisible infrared light pulses (usually 905nm). | | **Photodiode Receiver** | A high-sensitivity sensor that detects the reflected light. | | **Signal Processor (SoC/MCU)** | An onboard microcontroller that calculates the time difference between emission and reception. | | **Optical Lens System** | Collimates the laser beam and focuses the return signal onto the receiver. | | **Interface Controller** | Manages communication protocols (UART, I2C, or Analog). | --- ### 2. Technical Specifications The "R10" in the model name often denotes a **10-meter range**. Here are the typical electronic characteristics: * **Operating Voltage:** 5.0V DC (Standard TTL levels). * **Current Consumption:** ~100mA to 150mA depending on the sample rate. * **Resolution:** 1cm (Typical for high-accuracy laser modules). * **Update Rate:** Adjustable, often ranging from 1Hz to 50Hz. * **Communication Interfaces:** * **Serial (UART):** For digital distance readings. * **I2C:** For multi-sensor configurations. * **Analog:** Outputs a voltage proportional to the distance. --- ### 3. Connection Pinout Typically, these modules use a standard 5-pin or 6-pin connector to interface with a flight controller (like Pixhawk) or an Arduino. ```yaml Pin 1: VCC (+5V DC) Pin 2: GND (Ground) Pin 3: TXD (UART Transmit) Pin 4: RXD (UART Receive) Pin 5: I2C_SDA (Data line) Pin 6: I2C_SCL (Clock line) ``` --- ### 4. Key Electronic Features * **Immunity to Ambient Light:** The electronics include optical filters and digital signal processing to ignore sunlight interference. * **Low Power Consumption:** Designed for battery-operated devices like drones or mobile robots. * **Weight/Form Factor:** Usually very lightweight (under 30g) with a small PCB footprint to fit into tight enclosures. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the SF1-R10 and the SF11/C model?
    • ⤷ How do I calibrate the analog output for this sensor?
    • ⤷ Can this sensor work in foggy or dusty environments?