データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SF5ABCG

  • AI
    The **SF5ABCG** is a high-performance, single-phase glass passivated super-fast recovery rectifier diode. These components are critical in power electronics for converting alternating current (AC) to direct current (DC) while minimizing energy loss during high-frequency switching. ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of the SF5ABCG: | Parameter | Value | Description | | :--- | :--- | :--- | | **$V_{RRM}$** | 50V - 100V | Peak Repetitive Reverse Voltage | | **$I_{F(AV)}$** | 5.0 Amperes | Maximum Average Forward Current | | **$t_{rr}$** | 35ns | Maximum Reverse Recovery Time | | **$V_F$** | ~0.95V | Maximum Forward Voltage Drop | | **$I_{FSM}$** | 125A | Peak Forward Surge Current (8.3ms half sine-wave) | | **Package Type** | DO-201AD (DO-27) | Axial leaded plastic package | --- ### 2. Core Features * **Super-Fast Switching:** With a recovery time of only 35 nanoseconds, it minimizes switching losses, making it ideal for high-frequency applications. * **Glass Passivated Junction:** The internal silicon chip is coated with a glass layer to improve reliability, reduce leakage current, and enhance high-temperature stability. * **High Surge Capability:** It can handle momentary spikes in current (up to 125A) without failing. * **Low Forward Voltage Drop:** This ensures the component generates less heat during operation, improving overall circuit efficiency. --- ### 3. Common Applications Due to its speed and current rating, the SF5ABCG is typically used in: 1. **Switching Mode Power Supplies (SMPS):** Used in the output rectification stage. 2. **DC-DC Converters:** Acts as a "freewheeling" diode to protect transistors from voltage spikes. 3. **Inverters:** Essential for converting DC back to AC in solar or UPS systems. 4. **Polarity Protection:** Prevents damage if a battery or power source is connected backward. --- ### 4. Comparison with Standard Diodes The "SF" (Super Fast) designation distinguishes this part from standard "1N" series diodes: ```text Component Type | Recovery Speed | Efficiency | Use Case ------------------|----------------|------------|---------------------- Standard (1N5408) | Slow (>500ns) | Low | 50/60Hz Mains Rectification Fast (FR307) | Medium (150ns) | Medium | Medium frequency PWM SF5ABCG | Ultra (35ns) | High | High-speed Switching ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the thermal considerations when mounting the DO-201AD package?
    • ⤷ How does the reverse recovery time (trr) affect the efficiency of a power supply?
    • ⤷ Can the SF5ABCG be used as a replacement for a Schottky diode?