SFECF10M7EA00-R0
AI

## Overview of SFECF10M7EA00-R0
The **SFECF10M7EA00-R0** is a high-performance **Ceramic Filter** manufactured by **Murata Electronics**. It belongs to the CERAIL® series and is specifically designed for FM intermediate frequency (IF) processing.
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Center Frequency (fo)** | 10.700 MHz |
| **3dB Bandwidth** | 190 kHz ± 30 kHz |
| **Insertion Loss** | 3.0 dB to 4.5 dB (max) |
| **Input/Output Impedance** | 330 $\Omega$ |
| **Operating Temperature** | -20°C to +80°C |
| **Package Type** | Surface Mount Device (SMD) |
| **Mounting Style** | 3-terminal (In, Out, Ground) |
---
### 2. Functional Description
This component is a **piezoelectric ceramic filter**. It utilizes the energy-trapped thickness-shear vibration mode of the ceramic element.
#### Core Functions:
* **Frequency Selection:** It allows the 10.7 MHz IF signal to pass while suppressing unwanted noise and adjacent channel interference.
* **Impedance Matching:** Designed to work with standard 330 $\Omega$ circuits commonly found in FM radio chipsets.
* **Miniaturization:** Its thin, flat structure is optimized for high-density surface mounting in modern mobile devices.
---
### 3. Physical Dimensions & Packaging
The "R0" suffix indicates the packaging style, typically referring to **Tape & Reel** (180mm) for automated pick-and-place assembly.
* **Size:** Small form factor (Standard 3.45 x 3.1 mm footprint).
* **Profile:** Low-profile design, making it suitable for thin consumer electronics.
---
### 4. Common Applications
The SFECF10M7EA00-R0 is primarily used in communication equipment where compact size and stability are critical:
1. **Consumer Electronics:** FM radio receivers in smartphones and portable media players.
2. **Automotive:** Car audio systems and infotainment units.
3. **Wireless Modules:** Low-power FM transmitters and wireless headphone base stations.
---
### 5. Part Number Breakdown
* **SFECF:** Series name (SMD Ceramic Filter for FM).
* **10M7:** Center frequency (10.7 MHz).
* **EA00:** Design code / Bandwidth characteristics.
* **R0:** Packaging code (Embossed Taping).
- ⤷
What are the recommended soldering conditions for this ceramic filter?
- ⤷ How does the 190kHz bandwidth compare to other filters in the SFECF series?
- ⤷ What happens to the filter performance if the input impedance is not exactly 330 Ohms?