SFECF10M7GA00-R0
AI

The **SFECF10M7GA00-R0** is a high-performance **Ceramic Filter** manufactured by Murata Electronics. It is specifically designed for FM intermediate frequency (IF) stages in radio receivers.
---
## 1. Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Center Frequency (fc)** | 10.700 MHz |
| **3dB Bandwidth** | 280 kHz ± 50 kHz |
| **Insertion Loss** | 3.0 dB max (at minimum loss point) |
| **Stop Band Attenuation** | 30 dB min (at fc ± 300 kHz) |
| **Input/Output Impedance** | 330 $\Omega$ |
| **Operating Temperature** | -20°C to +80°C |
| **Package Type** | Surface Mount (SMD) |
---
## 2. Key Features and Construction
* **CERALOCK® Technology:** This part belongs to Murata's ceramic filter family, utilizing the piezoelectric effect of ceramics to achieve high selectivity.
* **Small Form Factor:** The "SFECF" series features a low-profile, small-footprint design suitable for high-density PCB mounting in modern portable electronics.
* **High Stability:** It offers excellent temperature stability and aging characteristics, ensuring the radio frequency remains locked over time.
* **Tape and Reel Packaging:** The "-R0" suffix indicates that the part is supplied on a 180mm reel for automated pick-and-place assembly.
---
## 3. Applications
The SFECF10M7GA00-R0 is primarily used in communication equipment where space is at a premium:
1. **Consumer Electronics:** FM radio tuners in smartphones, portable radios, and home stereo systems.
2. **Automotive:** Car audio head units for FM signal processing.
3. **Communication Modules:** Wireless receivers requiring narrow-band filtering at the 10.7 MHz IF stage.
---
## 4. Typical Connection Diagram
In a standard circuit, the filter is placed between the mixer output and the IF amplifier input.
```text
[ Mixer Output ] ---> [ Input Pin (1) ]
|
[ Ceramic Filter ]
|
[ Ground Pin (2) ] <--- [ Ground ]
|
[ IF Amplifier ] <--- [ Output Pin (3) ]
```
---
- ⤷
What are the alternative bandwidth options for the Murata SFECF series?
- ⤷ How does the 330 Ohm impedance match affect the overall circuit design?
- ⤷ What is the difference between SFECF and SFELF series filters?