データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SFG2E-R001

  • AI
    The **SFG2E-R001** is a specialized electronic component typically associated with high-precision current sensing or power management modules, often used in industrial or automotive applications. ### 1. Component Overview The SFG2E-R001 is primarily a **Shunt Resistor** or a **Current Sense Resistor**. It is designed to measure current flow by creating a small voltage drop that can be read by a controller or an Analog-to-Digital Converter (ADC). | Attribute | Typical Specification | | :--- | :--- | | **Component Type** | Metal Alloy Shunt Resistor | | **Resistance Value** | 1 mΩ (0.001 Ω) | | **Power Rating** | High Power (often 3W to 7W depending on package) | | **Tolerance** | ±1% or ±0.5% | | **TCR (Temp. Coeff.)** | Very Low (e.g., ±50 ppm/°C) | --- ### 2. Key Technical Features * **Low Resistance Value:** The "R001" in the part number indicates a resistance of **1 milliohm**. This allows for high current measurement with minimal power loss (heat) according to $P = I^2 \times R$. * **Four-Terminal Construction (Kelvin Connection):** Many versions of this part use a 4-terminal design. Two terminals carry the main current, while two separate terminals measure the voltage. This eliminates errors caused by the resistance of the lead wires. * **Stability:** Built using electron-beam welded metal strips (often Manganin or NiCr alloys) to ensure that the resistance does not change significantly as the component heats up. --- ### 3. Application Circuits In a typical electronic system, the SFG2E-R001 is placed in series with the load. The voltage drop is then processed as follows: ```cpp // Logic for Current Calculation in a Microcontroller float shunt_resistor = 0.001; // 1 mOhm float voltage_drop = read_adc_voltage(); // Ohm's Law: I = V / R float current_amps = voltage_drop / shunt_resistor; ``` --- ### 4. Typical Applications 1. **Battery Management Systems (BMS):** Monitoring the charge and discharge cycles of Lithium-ion packs. 2. **Motor Controllers:** Providing feedback to the inverter to prevent over-current conditions. 3. **Power Supplies:** Used in DC-DC converters for current-mode control loops. 4. **Automotive Electronics:** Measuring current in Electronic Power Steering (EPS) or braking systems.
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the SFG2E-R001 package?
    • ⤷ Can this resistor handle currents exceeding 50 Amps?
    • ⤷ How does a 4-terminal Kelvin connection improve sensing accuracy?