データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SFP5MRHDSDI-RX

  • AI
    The **SFP5MRHDSDI-RX** is a high-performance video Small Form-factor Pluggable (SFP) receiver module designed specifically for broadcast and professional video applications. It is engineered to receive SDI (Serial Digital Interface) signals over optical fiber. --- ### 1. Core Technical Specifications This module is designed to handle high data rates while maintaining signal integrity across long distances. | Feature | Specification | | :--- | :--- | | **Interface Type** | SFP (Small Form-factor Pluggable) | | **Function** | Receiver (RX) Only | | **Supported Standards** | SD-SDI, HD-SDI, 3G-SDI | | **Data Rate** | Up to 2.97 Gbps | | **Optical Wavelength** | 1260nm to 1620nm | | **Connector Type** | LC/UPC (Single-mode Fiber) | | **Voltage** | 3.3V Power Supply | --- ### 2. Key Electronic Components The internal architecture of the SFP5MRHDSDI-RX consists of several critical electronic sub-systems: #### A. PIN Photodiode The front-end component that converts incoming light pulses (photons) from the fiber optic cable into a weak electrical current. It is optimized for high sensitivity to ensure low bit-error rates (BER). #### B. Transimpedance Amplifier (TIA) Since the output from the photodiode is a very small current, the TIA converts this current into a differential voltage signal and amplifies it to a usable level for the rest of the circuit. #### C. Limiting Amplifier / Reclocker * **Limiting Amp:** Ensures the output voltage remains constant regardless of the input optical power strength. * **Reclocker (CDR):** Many SDI modules include Clock and Data Recovery (CDR) to suppress jitter, which is vital for maintaining video timing accuracy in broadcast environments. #### D. EEPROM (I2C Interface) Contains the module’s identification data, including manufacturer info, serial number, and supported protocols. This allows the host device (like a video switcher) to recognize the part via the I2C bus. --- ### 3. Applications and Benefits * **Long-Distance Transmission:** Unlike coaxial copper cables which degrade after ~100 meters, this SFP allows HD-SDI signals to travel up to 10km or 40km (depending on the specific sub-model). * **Hot-Pluggable:** The module can be swapped or replaced without powering down the host equipment. * **Pathological Pattern Support:** Specifically designed to handle "pathological" video signals—a specialized stress test used in broadcasting that can cause standard data SFPs to fail. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between this SDI SFP and a standard Ethernet SFP?
    • ⤷ Does this module support 4K or 12G-SDI signals?
    • ⤷ How does 'Pathological Signal' support affect the electronic design?