データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SFSCE10M7WF04-R0

  • AI
    ## Analysis of SFSCE10M7WF04-R0 The **SFSCE10M7WF04-R0** is a specialized electronic component manufactured by **Murata Electronics**. It belongs to the family of **Ceramic Discriminators**, specifically designed for use in communication equipment. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Component Type** | Ceramic Discriminator (Surface Mount) | | **Center Frequency** | 10.7 MHz | | **Frequency Tolerance** | ±30 kHz | | **Recovered Audio Voltage** | 35mV min. (at standard test conditions) | | **Distortion** | 3.0% max. | | **Operating Temperature** | -20°C to +80°C | | **Package Size** | 3.2 x 3.1 x 1.4 mm (SMD) | --- ### 2. Functional Description A ceramic discriminator is a device used in the **Demodulator** stage of an FM (Frequency Modulation) receiver circuit. Its primary role is to convert frequency variations into a detectable voltage change (audio signal). * **10.7 MHz Standard:** This is the industry-standard Intermediate Frequency (IF) for FM broadcasting and communications. * **Chip Type (SFSCE Series):** This prefix indicates a surface-mount device designed for high-density PCB layouts, replacing older, bulky leaded components. * **Quadrature Detection:** These components are typically paired with an FM IF IC to perform quadrature detection, ensuring stable and clear audio recovery. --- ### 3. Application Areas These parts are commonly found in the following devices: 1. **Portable Radios:** FM/AM pocket radios. 2. **Wireless Communications:** Pagers, walkie-talkies, and cordless phones. 3. **Vehicle Electronics:** Car audio systems and telemetry receivers. 4. **Remote Controls:** Wireless data transmission receivers using FM signals. --- ### 4. Circuit Implementation In a typical circuit, the **SFSCE10M7WF04-R0** is connected to the phase shifter pins of an FM IF Integrated Circuit (e.g., Toshiba or Sony FM ICs). Unlike traditional LC (Inductor-Capacitor) circuits, this ceramic part requires no manual tuning, significantly reducing manufacturing costs and improving long-term stability.
    ✨ Follow-up Questions
    • ⤷What is the difference between a ceramic discriminator and a ceramic filter?
    • ⤷ Is this component compatible with modern digital radio systems?
    • ⤷ Which FM IF ICs are most commonly used with the SFSCE series?