データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SFSKA6M00CF00-R3

  • AI
    The **SFSKA6M00CF00-R3** is a specialized electronic component manufactured by **Murata Electronics**. It belongs to the category of **Ceramic Filters**, specifically designed for use in intermediate frequency (IF) stages of communication equipment. --- ## 1. Component Overview This part is a surface-mount (SMD) ceramic filter that utilizes the piezoelectric effect of ceramics to filter out unwanted frequencies while allowing a specific band to pass. It is primarily used in FM broadcasting and communication systems. ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Manufacturer** | Murata Electronics | | **Center Frequency (fo)** | 6.000 MHz | | **3dB Bandwidth** | ±50 kHz min. | | **Insertion Loss** | 6.0 dB max. | | **Input/Output Impedance** | 1000 Ω | | **Operating Temperature** | -20°C to +80°C | | **Package Type** | SMD (Surface Mount Device) | --- ## 2. Key Characteristics * **Small Footprint:** Its compact SMD design makes it ideal for high-density circuit boards in portable electronics. * **High Selectivity:** Designed to provide sharp attenuation outside of the 6.0 MHz band, ensuring clear signal processing. * **Stability:** Murata's ceramic technology provides excellent mechanical and thermal stability compared to traditional LC filters. --- ## 3. Part Number Breakdown (Nomenclature) Understanding the code helps in identifying the series and variations: | Segment | Meaning | | :--- | :--- | | **SFS** | Surface Mount Ceramic Filter Series | | **KA** | Specific Characteristics/Design Type | | **6M00** | Frequency (6.00 MHz) | | **CF00** | Bandwidth/Standard variation code | | **R3** | Packaging Code (typically refers to 330mm Reel) | --- ## 4. Typical Applications The SFSKA6M00CF00-R3 is commonly integrated into the following systems: 1. **FM Radio Receivers:** To filter the 6.0 MHz intermediate frequency. 2. **TV Sound Circuits:** Used in the audio carrier processing stages of television sets. 3. **Wireless Communication:** Acting as a band-pass filter in low-frequency RF transceivers. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a ceramic filter and a crystal filter?
    • ⤷ Can this component be used in high-temperature industrial environments?
    • ⤷ How does the 1000 Ohm impedance affect circuit design?