データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SFSKA6M50CF00-R3

  • AI
    The **SFSKA6M50CF00-R3** is a high-performance **Ceramic Filter** manufactured by **Murata Electronics**. It is primarily used in the Intermediate Frequency (IF) stages of FM receivers and communication equipment to provide selectivity and noise suppression. --- ### 1. Technical Specifications Below are the primary electrical and physical characteristics of the component: | Characteristic | Specification | | :--- | :--- | | **Center Frequency (fo)** | 6.500 MHz | | **3dB Bandwidth** | 150 kHz ± 40 kHz | | **Insertion Loss** | 6.0 dB max | | **Input/Output Impedance** | 470 $\Omega$ | | **Operating Temperature** | -20°C to +80°C | | **Package Type** | Surface Mount (SMD) | | **Application** | Sound IF (SFE/SFS series) | --- ### 2. Functional Description This part belongs to the **SFS (Surface Mount Filter)** series. Its main role is to allow a specific band of frequencies (centered at 6.5 MHz) to pass through while significantly attenuating signals outside of that range. #### Key Functions: * **Signal Filtering:** It extracts the audio/sound information from the 6.5 MHz subcarrier commonly found in television and radio broadcast standards. * **Selectivity:** It ensures that adjacent channels do not interfere with the desired signal by providing a sharp "cutoff" at the edges of the bandwidth. * **Miniaturization:** As an SMD component, it is designed for automated "pick and place" assembly on high-density circuit boards. --- ### 3. Circuit Integration In a typical circuit, the SFSKA6M50CF00-R3 is placed between the mixer and the demodulator. #### Implementation Considerations: 1. **Impedance Matching:** To minimize signal reflection and insertion loss, the surrounding circuit must match the **470 $\Omega$** input and output impedance. 2. **Grounding:** Proper grounding of the center terminal is critical to maintain the stop-band attenuation performance. 3. **Reflow Soldering:** Being an "R3" variant, it is provided on tape and reel for high-speed soldering processes. Care must be taken not to exceed the maximum reflow temperature to avoid damaging the ceramic element. --- ### 4. Common Applications * **Television Sets:** Used in the sound processing block for PAL/SECAM/NTSC systems. * **Satellite Receivers:** Filtering the intermediate frequency for audio output. * **FM Modems:** General purpose data transmission over FM carriers.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the 6.5 MHz and 10.7 MHz ceramic filters?
    • ⤷ How does impedance mismatch affect the performance of this filter?
    • ⤷ Are there through-hole equivalents to the SFSKA series?