データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • SFSKB2M80GF00-R1

  • AI
    The **SFSKB2M80GF00-R1** is a specialized surface-mount electronic component, specifically a **Ceramic Filter** (Discriminator) manufactured by Murata Electronics. It is primarily used in communication equipment for signal processing and frequency selection. --- ## Technical Specifications | Parameter | Specification | | :--- | :--- | | **Component Type** | Ceramic Filter (FM Discriminator) | | **Center Frequency** | 2.8 MHz | | **Package Type** | SMD (Surface Mount Device) | | **Dimensions** | 4.5mm x 3.8mm x 1.4mm | | **Recovered Audio Voltage** | 50mV (Typical) | | **Distortion Factor** | < 1.0% | | **Operating Temperature** | -20°C to +80°C | --- ## Key Features and Functionality ### 1. Frequency Selection This part is designed to operate at a center frequency of **2.8 MHz**. Its primary role is to filter out unwanted noise and adjacent signals, allowing only the desired frequency band to pass through. ### 2. FM Demodulation In many circuits, this part acts as a **discriminator**. It converts frequency-modulated (FM) signals into audible or data-driven analog signals by utilizing the phase-shift characteristics of the ceramic material. ### 3. Piezoelectric Material The component uses high-stability piezoelectric ceramics. When an electrical signal is applied, the ceramic vibrates mechanically at a specific frequency, which provides high selectivity ($Q$ factor) compared to standard LC (Inductor-Capacitor) circuits. --- ## Applications * **Wireless Communication:** Used in cordless phones and two-way radio transceivers. * **Audio Equipment:** Found in FM radio receivers for IF (Intermediate Frequency) stages. * **Remote Controls:** Used in some older RF-based remote control systems for signal decoding. --- ## Equivalent Circuit Logic The internal structure functions similarly to a tuned resonant circuit. Below is a simplified representation of how such filters are integrated into a schematic: ```text [Input Signal] ----> [ Ceramic Resonator ] ----> [ Demodulated Output ] | [GND] ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between a ceramic filter and a crystal filter?
    • ⤷ How do I interpret the 'GF00' suffix in Murata part numbers?
    • ⤷ Are there specific soldering temperature requirements for this SMD component?